Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG46867MTR Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # SLG46867MTR
Description  GreenPAK Programmable Mixed-Signal Matrix with Dual 44 mW/2 A P-FET
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46867MTR Datasheet(HTML) 4 Page - Renesas Technology Corp

  SLG46867MTR Datasheet HTML 1Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 2Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 3Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 4Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 5Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 6Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 7Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 8Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 209 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 3.21
Page 4 of 208
© 2023 Renesas Electronics Corporation
SLG46867
GreenPAK Programmable Mixed-Signal Matrix
with Dual 44 m
Ω/2 A P-FET
Figures
Figure 1: Block Diagram............................................................................................................................................................. 8
Figure 2: Steps to Create a Custom GreenPAK Device...........................................................................................................31
Figure 3: IO0 GPI Structure Diagram .......................................................................................................................................33
Figure 4: GPIO with I2C Mode IO Structure Diagram...............................................................................................................34
Figure 5: Matrix OE IO Structure Diagram ...............................................................................................................................35
Figure 6: Matrix OE IO 4x Drive Structure Diagram .................................................................................................................36
Figure 7: GPO Register OE 4x Drive Structure Diagram .........................................................................................................37
Figure 8: Typical High Level Output Current vs. High Level Output Voltage at T = 25 °C .......................................................38
Figure 9: Typical Low Level Output Current vs. Low Level Output Voltage, 1x Drive at T = 25 °C, Full Range ......................38
Figure 10: Typical Low Level Output Current vs. Low Level Output Voltage, 1x Drive at T = 25 °C .......................................39
Figure 11: Typical Low Level Output Current vs. Low Level Output Voltage, 2x Drive at T = 25 °C, Full Range ....................39
Figure 12: Typical Low Level Output Current vs. Low Level Output Voltage, 2x Drive at T = 25 °C .......................................40
Figure 13: Connection Matrix ...................................................................................................................................................41
Figure 14: Connection Matrix Example ....................................................................................................................................41
Figure 15: 2-bit LUT0 or DFF0 .................................................................................................................................................48
Figure 16: 2-bit LUT1 or DFF1 .................................................................................................................................................49
Figure 17: 2-bit LUT2 or DFF2 .................................................................................................................................................49
Figure 18: DFF Polarity Operations..........................................................................................................................................51
Figure 19: 2-bit LUT3 or PGen .................................................................................................................................................52
Figure 20: PGen Timing Diagram.............................................................................................................................................52
Figure 21: 3-bit LUT0 or DFF3 .................................................................................................................................................54
Figure 22: 3-bit LUT1 or DFF4 .................................................................................................................................................55
Figure 23: 3-bit LUT2 or DFF5 .................................................................................................................................................55
Figure 24: 3-bit LUT3 or DFF6 .................................................................................................................................................56
Figure 25: 3-bit LUT4 or DFF7 .................................................................................................................................................56
Figure 26: 3-bit LUT5 or DFF8 .................................................................................................................................................57
Figure 27: 3-bit LUT6 or DFF9 .................................................................................................................................................57
Figure 28: 3-bit LUT7 or DFF10 ...............................................................................................................................................58
Figure 29: 3-bit LUT8 or DFF11 ...............................................................................................................................................58
Figure 30: DFF Polarity Operations with nReset......................................................................................................................61
Figure 31: DFF Polarity Operations with nSet..........................................................................................................................62
Figure 32: 4-bit LUT0 or DFF12 ...............................................................................................................................................63
Figure 33: 3-bit LUT16/Pipe Delay/Ripple Counter ..................................................................................................................65
Figure 34: Example: Ripple Counter Functionality ...................................................................................................................66
Figure 35: Possible Connections Inside Multi-Function Macrocell ...........................................................................................68
Figure 36: 8-bit Multi-Function Macrocells Block Diagram (3-bit LUT9/DFF13, CNT/DLY1) ...................................................69
Figure 37: 8-bit Multi-Function Macrocells Block Diagram (3-bit LUT10/DFF14, CNT/DLY2) .................................................70
Figure 38: 8-bit Multi-Function Macrocells Block Diagram (3-bit LUT11/DFF15, CNT/DLY3) .................................................71
Figure 39: 8-bit Multi-Function Macrocells Block Diagram (3-bit LUT12/DFF16, CNT/DLY4) .................................................72
Figure 40: 8-bit Multi-Function Macrocells Block Diagram (3-bit LUT13/DFF17, CNT/DLY5) .................................................73
Figure 41: 8-bit Multi-Function Macrocells Block Diagram (3-bit LUT14/DFF18, CNT/DLY6) .................................................74
Figure 42: 8-bit Multi-Function Macrocells Block Diagram (3-bit LUT15/DFF19, CNT/DLY7) .................................................75
Figure 43: 4-bit LUT1 or CNT/DLY0.........................................................................................................................................78
Figure 44: Delay Mode Timing Diagram, Edge Select: Both, Counter Data: 3 ........................................................................80
Figure 45: Delay Mode Timing Diagram for Different Edge Select Modes...............................................................................81
Figure 46: Counter Mode Timing Diagram without Two DFFs Synced Up ..............................................................................81
Figure 47: Counter Mode Timing Diagram with Two DFFs Synced Up ...................................................................................82
Figure 48: One-Shot Function Timing Diagram........................................................................................................................82
Figure 49: Frequency Detection Mode Timing Diagram...........................................................................................................83
Figure 50: Edge Detection Mode Timing Diagram ...................................................................................................................84
Figure 51: Delayed Edge Detection Mode Timing Diagram .....................................................................................................85
Figure 52: CNT/FSM Timing Diagram (Reset Rising Edge Mode, Oscillator is Forced on, UP = 0) for Counter Data = 3 ......86
Figure 53: CNT/FSM Timing Diagram (Set Rising Edge Mode, Oscillator is Forced on, UP = 0) for Counter Data = 3 ..........86
Figure 54: CNT/FSM Timing Diagram (Reset Rising Edge Mode, Oscillator is Forced on, UP = 1) for Counter Data = 3 ......87
Figure 55: CNT/FSM Timing Diagram (Set Rising Edge Mode, Oscillator is Forced On, UP = 1) for Counter Data = 3 .........87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com