Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG46867MTR Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # SLG46867MTR
Description  GreenPAK Programmable Mixed-Signal Matrix with Dual 44 mW/2 A P-FET
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46867MTR Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button SLG46867MTR Datasheet HTML 7Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 8Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 9Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 10Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 11Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 12Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 13Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 14Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 209 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 3.21
Page 11 of 208
© 2023 Renesas Electronics Corporation
SLG46867
GreenPAK Programmable Mixed-Signal Matrix
with Dual 44 m
Ω/2 A P-FET
13
GPIO4
GPIO4
General Purpose IO
with OE (Note 1)
Digital Input
without Schmitt Trigger
Push-Pull (1x) (2x) (4x)
Digital Input
with Schmitt Trigger
Open-Drain NMOS
(1x) (2x) (4x)
Low Voltage Digital Input
--
ACMP0_H+
Analog Comparator 0_H
Positive Input
Analog
--
Slave
Address 2
--
--
14
GPIO5
GPIO5
General Purpose IO
with OE (Note 1)
Digital Input
without Schmitt Trigger
Push-Pull (1x) (2x)
Digital Input
with Schmitt Trigger
Open-Drain NMOS
(1x) (2x)
Low Voltage Digital Input
--
ACMP1_H+
Analog Comparator 1_H
Positive Input
Analog
--
Slave address 3
--
--
15
GPIO6
GPIO6
General Purpose IO
with OE (Note 1)
Digital Input
without Schmitt Trigger
Push-Pull (1x) (2x)
Digital Input
with Schmitt Trigger
Open-Drain NMOS
(1x) (2x)
Low Voltage Digital Input
--
ACMP2_L+
Analog Comparator 2_L
Positive Input
Analog
--
16
GPIO7
GPIO7
General Purpose IO
with OE (Note 1)
Digital Input
without Schmitt Trigger
Push-Pull (1x) (2x)
Digital Input
with Schmitt Trigger
Open-Drain NMOS
(1x) (2x)
Low Voltage Digital Input
--
ACMP3_L+
Analog Comparator 3_L
Positive Input
Analog
--
17
GPIO8
GPIO8
General Purpose IO
with OE (Note 1)
Digital Input
without Schmitt Trigger
Push-Pull (1x) (2x)
Digital Input
with Schmitt Trigger
Open-Drain NMOS
(1x) (2x)
Low Voltage Digital Input
--
Vref0
Vref0 Output
Analog
--
18
GPIO9
GPIO9
General Purpose IO
with OE (Note 1)
Digital Input
without Schmitt Trigger
Push-Pull (1x) (2x)
Digital Input
with Schmitt Trigger
Open-Drain NMOS
(1x) (2x)
Low Voltage Digital Input
--
Vref1
Vref1 Output
Analog
--
19
GPIO3
PWR_SW_ON0
ON0 turns Power Switch
0 ON
P-FET gate with 200
Ω resistor
--
20
GPO0
PWR_SW_ON1
ON1 turns Power Switch
1 ON
P-FET gate with 200
Ω resistor
--
Table 1: Functional Pin Description (continued)
MSTQFN
20L Pin #
Pin
Name
Signal
Name
Function
Input
Options
Output
Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com