Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG46867MTR Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # SLG46867MTR
Description  GreenPAK Programmable Mixed-Signal Matrix with Dual 44 mW/2 A P-FET
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46867MTR Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button SLG46867MTR Datasheet HTML 49Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 50Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 51Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 52Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 53Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 54Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 55Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 56Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 209 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 3.21
Page 53 of 208
© 2023 Renesas Electronics Corporation
SLG46867
GreenPAK Programmable Mixed-Signal Matrix
with Dual 44 m
Ω/2 A P-FET
7.2.1 2-Bit LUT or PGen Macrocell Used as 2-Bit LUT
This macrocell, when programmed for a LUT function, uses a 4-bit register to define their output function:
2-Bit LUT3 is defined by registers [1387:1384]
Table 30 shows the register bits for the standard digital logic devices (AND, NAND, OR, NOR, XOR, XNOR) that can be created
within each of the 2-bit LUT logic cells.
7.3 3-BIT LUT OR D FLIP-FLOP WITH SET/RESET MACROCELLS
There are nine macrocells that can serve as either 3-bit LUTs or as D Flip-Flops with Set/Reset inputs. When used to implement
LUT functions, the 3-bit LUTs each take in three input signals from the connection matrix and produce a single output, which goes
back into the connection matrix. When used to implement D Flip-Flop function, the three input signals from the connection matrix
go to the data (D) and clock (CLK), and Reset/Set (nRST/nSET) inputs for the Flip-Flop, with the output going back to the
connection matrix. It is possible to define the active level for the reset/set input of DFF/LATCH macrocell. There are both active
high level reset/set (RST/SET) and active low level reset/set (nRST/nSET) options available which are selected by register [1445].
DFF3 operation will flow the functional description below:
 If register [1443] = 0, and the CLK is rising edge triggered, then Q = D, otherwise Q will not change.
 If register [1443] = 1, then data from D is written into the DFF by the rising edge on CLK and output to Q by the falling edge on
CLK.
Table 30: 2-bit LUT Standard Digital Functions
Function
MSB
LSB
AND-2
1
0
0
0
NAND-2
0
1
1
1
OR-2
1
1
1
0
NOR-2
0
0
0
1
XOR-2
0
1
1
0
XNOR-2
1
0
0
1
Table 29: 2-bit LUT1 Truth Table
IN1
IN0
OUT
0
0
register [1384]
LSB
0
1
register [1385]
1
0
register [1386]
1
1
register [1387]
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com