Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG46867MTR Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # SLG46867MTR
Description  GreenPAK Programmable Mixed-Signal Matrix with Dual 44 mW/2 A P-FET
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46867MTR Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button SLG46867MTR Datasheet HTML 20Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 21Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 22Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 23Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 24Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 25Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 26Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 27Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 209 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 3.21
Page 24 of 208
© 2023 Renesas Electronics Corporation
SLG46867
GreenPAK Programmable Mixed-Signal Matrix
with Dual 44 m
Ω/2 A P-FET
3.8 ACMP SPECIFICATIONS
Table 16: ACMP Specifications at T = -40 °C to +85 °C, VDD = 2.3 V to 5.5 V Unless Otherwise Noted
Param-
eter
Description
Note
Condition
Min
Typ
Max
Unit
VACMP
ACMP Input Voltage
Range
Positive Input
0
--
VDD
V
Negative Input
0
--
VDD
V
Voffset
ACMP Input Offset
ACMPxH Vhys = 0 mV,
Gain = 1,
Vref = 32 mV to 2016 mV
-5.9
--
7.0
mV
ACMPxL Vhys = 0 mV,
Gain = 1,
Vref = 32 mV to 2016 mV
-7.0
--
7.0
mV
tstart
ACMP Startup Time
ACMP Power-On delay,
Minimal required wake
time for the "Wake and
Sleep function",
for ACMPxH
BG Forced On
--
--
50
µs
ACMP Power-On delay,
Minimal required wake
time for the "Wake and
Sleep function",
for ACMPxL
--
--
316
µs
VHYS
ACMP0H, ACMP1H
Built-in Hysteresis
(Note 1)
VHYS = 32 mV
T = 25 °C
21.56
--
34.64
mV
VHYS = 64 mV
T = 25 °C
52.47
--
67.39
mV
VHYS = 192 mV
T = 25 °C
181.6
0
--
195.22
mV
VHYS = 32 mV
20.61
--
37.19
mV
VHYS = 64 mV
52.48
--
67.83
mV
VHYS = 192 mV
178.5
9
--
196.98
mV
ACMP2L, ACMP3L
Built-in Hysteresis
(Note 1)
VHYS = 32 mV
T = 25 °C
23.97
--
37.31
mV
VHYS = 64 mV
T = 25 °C
55.54
--
69.68
mV
VHYS = 192 mV
T = 25 °C
183.8
9
--
198.08
mV
VHYS = 32 mV
23.20
--
37.31
mV
VHYS = 64 mV
55.45
--
70.50
mV
VHYS = 192 mV
183.1
5
--
198.08
mV
Rsin
Series Input
Resistance
Gain = 1x
--
10
--
G
Ω
Gain = 0.5x
--
2
--
ΜΩ
Gain = 0.33x
--
2
--
ΜΩ
Gain = 0.25x
--
2
--
ΜΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com