Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG46867MTR Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # SLG46867MTR
Description  GreenPAK Programmable Mixed-Signal Matrix with Dual 44 mW/2 A P-FET
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46867MTR Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button SLG46867MTR Datasheet HTML 4Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 5Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 6Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 7Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 8Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 9Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 10Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 11Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 209 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 3.21
Page 8 of 208
© 2023 Renesas Electronics Corporation
SLG46867
GreenPAK Programmable Mixed-Signal Matrix
with Dual 44 m
Ω/2 A P-FET
1
Block Diagram
Figure 1: Block Diagram
3-bit
LUT3_4
or DFF7
Programmable
Delay
ACMP0H
ACMP1H
FILTER
with Edge
Detect
Combination Function Macrocells
2-bit
LUT2_0
or DFF0
2-bit
LUT2_2
or DFF2
2-bit
LUT2_1
or DFF1
3bit
LUT3_0
or DFF3
3-bit
LUT3_2
or DFF5
3-bit
LUT3_1
or DFF4
3-bit
LUT3_5
or DFF8
POR
I2C Serial
Communication
3-bit LUT3_9
/DFF13+8bit
CNT/DLY1
3-bit
LUT3_10/
DFF14+8bit
CNT/DLY2
3-bit
LUT3_11 /
DFF15+8bit
CNT/DLY3
3-bit
LUT3_13 /
DFF17+8bit
CNT/DLY5
3-bit
LUT3_14
/DFF18+8bit
CNT/DLY6
3-bit LUT3_16
or Pipe Delay
or Ripple CNT
2-bit
LUT2_3
or PGen
3-bit
LUT3_3
or DFF6
3-bit LUT3_12
/DFF16+8bit
CNT/DLY4
3-bit
LUT3_15 /
DFF19+8bit
CNT/DLY7
VDD
GPI0
GPIO0
I2C_SCL
GPIO1
I2C_SDA
GPIO2
EXT_
Vref0
GPIO8
Vref0
GPIO7
ACMP3L
GPIO6
ACMP2L
GPIO5
ACMP1H
GPIO4
ACMP0H
GPIO9
Vref1
NC
High Speed
Analog
Vref0
ACMP2L
ACMP3L
Low Power
Analog
Low
Power
Vref1
Multi-Function Macrocells
4-bit LUT4_1
/DFF20+
16bit
CNT/DLY0
Temperature
Sensor
3-bit
LUT3_8
or DFF11
3-bit
LUT3_6
or DFF9
3-bit
LUT3_7
or DFF10
4-bit
LUT4_0
or DFF12
VIN0
GPIO3
PWR_SW
_ON0
VOUT0
P-FET
Power Switch0
VIN1
VOUT1
GPO0
PWR_SW
_ON1
P-FET
Power Switch1
GND
AGND
Oscillators
OSC0
2.048
kHz
OSC1
2.048
MHz
OSC2
25
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com