Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG46867MTR Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # SLG46867MTR
Description  GreenPAK Programmable Mixed-Signal Matrix with Dual 44 mW/2 A P-FET
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46867MTR Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button SLG46867MTR Datasheet HTML 90Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 91Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 92Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 93Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 94Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 95Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 96Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 97Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 209 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 3.21
Page 94 of 208
© 2023 Renesas Electronics Corporation
SLG46867
GreenPAK Programmable Mixed-Signal Matrix
with Dual 44 m
Ω/2 A P-FET
9.1 ACMP0H BLOCK DIAGRAM
Figure 62: ACMP0H Block Diagram
111111
111110-
000000
Internal
Vref
Ext. Vref0 (GPIO2)
01
00
10
GPIO4: ACMP0H(+)
Internal VDD 2.3V ~ 5.5 V
Selectable
Gain
registers [697:696]
to ACMP1H, ACMP2L, AC-
MP3L’s MUX input
Vref
+
-
From Connection
Matrix Output [75]
registers [652:651]
registers [703:698]
*GPIO4 _aio_en; register [656]; register [654]
High Speed
ACMP
Hysteresis
Selection
To Connection
Matrix Input[56]
ACMP
Ready
Latch
0
1
register [687]
W/S Control
VDD = 1.8 V
100 µA
Current
Source
en
register [690]
LPF*
Note*: 2nd order low pass filter
with typical bandwidth 8 kHz
PWR UP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com