Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG46867MTR Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # SLG46867MTR
Description  GreenPAK Programmable Mixed-Signal Matrix with Dual 44 mW/2 A P-FET
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46867MTR Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button SLG46867MTR Datasheet HTML 14Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 15Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 16Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 17Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 18Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 19Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 20Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 21Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 209 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 3.21
Page 18 of 208
© 2023 Renesas Electronics Corporation
SLG46867
GreenPAK Programmable Mixed-Signal Matrix
with Dual 44 m
Ω/2 A P-FET
3.5 TIMING CHARACTERISTICS
Table 9: Typical Current Estimated for Each Macrocell at T = -40 °C to +85 °C
Parameter
Description
Note
VDD = 2.5 V VDD = 3.3 V VDD = 5.0 V
Unit
IDD
Current
Chip Quiescent
0.05
0.08
0.14
µA
Vref0
11.10
11.17
11.91
µA
Vref1
4.86
4.92
5.21
µA
OSC2 25 MHz, pre-divider = 1
51.11
63.41
91.63
µA
OSC2 25 MHz, pre-divider = 4
33.90
40.40
56.10
µA
OSC2 25 MHz, pre-divider = 8
30.75
36.20
49.58
µA
OSC1 2.048 MHz, pre-divider = 1
21.15
22.52
25.50
µA
OSC1 2.048 MHz, pre-divider = 4
19.06
19.72
21.14
µA
OSC1 2.048 MHz, pre-divider = 8
18.97
19.51
20.68
µA
OSC0 2.048 kHz, pre-divider = 1
0.63
0.67
0.79
µA
OSC0 2.048 kHz, pre-divider = 4
0.63
0.67
0.78
µA
OSC0 2.048 kHz, pre-divider = 8
0.63
0.67
0.78
µA
Push-Pull 1x + 4 pF @ 2.048 k
0.34
0.36
0.47
µA
Push-Pull 1x + 4 pF @ 2.048 M
52.4
64.6
90.4
µA
Temperature Sensor
14.89
14.96
15.34
µA
All ACMPs (includes internal Vref,
Vin+ = 0)
37.69
38.42
40.69
µA
Any ACMPxH (includes internal Vref,
Vin+ = 0)
21.89
22.28
23.47
µA
ACMP0H 100
µA Enabled
(includes internal Vref, Vin+ = 0)
46.79
47.32
49.33
µA
Any ACMPxL (includes internal Vref,
Vin+ = 0)
1.67
1.70
1.81
µA
Table 10: Typical Delay Estimated for Each Macrocell at T = 25 °C
Parameter Description Note
VDD = 2.5 V
VDD = 3.3 V
VDD = 5 V
Unit
Rising Falling Rising Falling Rising Falling
tpd
Delay
Digital Input to PP 1x
27
29
19
21
14
16
ns
tpd
Delay
Digital Input to PP 2x
24
26
17
19
13
14
tpd
Delay
Digital Input with Schmitt Trigger to
PP 1x
27
29
19
21
14
16
ns
tpd
Delay
Low Voltage Digital Input to PP 1x
38
241
26
164
18
104
ns
tpd
Delay
Digital input to NMOS 1x
--
25
--
19
--
14
ns
tpd
Delay
Digital input to NMOS 2x
--
24
--
18
--
13
ns
tpd
Delay
Digital input to NMOS 4x
--
24
--
17
--
13
ns
tpd
Delay
Output enable from Pin, OE Hi-Z to 1
26
--
19
--
14
--
ns
tpd
Delay
Output enable from Pin, OE Hi-Z to 0
--
25
--
18
--
13
ns
tpd
Delay
PP 1x 3 State Hi-Z to 1
26
--
19
--
14
--
ns
tpd
Delay
PP 1x 3 State Hi-Z to 0
--
25
--
18
--
13
ns
tpd
Delay
PP 2x 3 State Hi-Z to 1
23
--
17
--
12
--
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com