Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSC8541XMV-05 Datasheet(PDF) 57 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 57 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 53Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 54Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 55Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 56Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 57Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 58Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 59Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 60Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
48
4.3.5
Ethernet Packet Generator (EPG) Control 1
The EPG control register provides access to and control of various aspects of the EPG testing feature.
There are two separate EPG control registers. The following table shows the settings available in the first
register.
The following information applies to the EPG control number 1:
•
Do not run the EPG when the VSC8541-02 device is connected to a live network.
•
Bit 29E1.13 (continuous EPG mode control): when enabled, this mode causes the device to send
continuous packets. When disabled, the device continues to send packets only until it reaches the
next 10,000-packet increment mark. It then ceases to send packets.
•
The 6-byte destination address in bits 9:6 is assigned one of 16 addresses in the range of 0xFF FF
FF FF FF F0 through 0xFF FF FF FF FF FF.
•
The 6-byte source address in bits 5:2 is assigned one of 16 addresses in the range of 0xFF FF FF
FF FF F0 through 0xFF FF FF FF FF FF.
•
If any of bits 13:0 are changed while the EPG is running (bit 14 is set to 1), bit 14 must be cleared
and then set back to 1 for the change to take effect and to restart the EPG.
4.3.6
Ethernet Packet Generator Control 2
Register 30E1 consists of the second set of bits that provide access to and control over the various
aspects of the EPG testing feature. The following table shows the settings available.
Note: If any of bits 15:0 in this register are changed while the EPG is running (bit 14 of register 29E1 is set to
1), that bit (29E1.14) must first be cleared and then set back to 1 for the change to take effect and to
restart the EPG.
Table 55 •
EPG Control Register 1, Address 29E1 (0x1D)
Bit
Name
Access Description
Default
15
EPG enable1
1.
To end forced transmission of EEE LPIs from the PHY, clear the force EEE LPI bit (17E2.4) first before clearing the EPG
enable bit (29E1.15).
R/W
1: Enable EPG.
0
14
EPG run or stop
R/W
1: Run EPG.
0
13
Transmission duration
R/W
1: Continuous (sends in 10,000-packet increments).
0: Send 30,000,000 packets and stop.
0
12:11
Packet length
R/W
00: 125 bytes.
01: 64 bytes.
10: 1518 bytes.
11: 10,000 bytes (jumbo packet).
00
10
Interpacket gap
R/W
1: 8,192 ns.
0: 96 ns.
0
9:6
Destination address
R/W
Lowest nibble of the 6-byte destination address.
0001
5:2
Source address
R/W
Lowest nibble of the 6-byte destination address.
0000
1
Payload type
R/W
1: Randomly generated payload pattern.
0: Fixed based on payload pattern.
0
0
Bad frame check sequence
(FCS) generation
R/W
1: Generate packets with bad FCS.
0: Generate packets with good FCS.
0
Table 56 •
EPG Control Register 2, Address 30E1 (0x1E)
Bit
Name
Access Description
Default
15:0 EPG packet payload R/W
Data pattern repeated in the payload of packets generated
by the EPG
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com