Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 174 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 174 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 170Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 171Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 172Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 173Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 174Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 175Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 176Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 177Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 178Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 332 page
background image
156
Bus Cycles
Chapter 6
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
AHOLD-Initiated
Inquire Hit to Shared
or Exclusive Line
In Figure 62, the processor asserts HIT# and negates HITM# off
the clock edge after the clock edge on which EADS# is sampled
asserted, indicating the current inquire cycle hits either a
shared or exclusive line. (HIT# is driven in the same state until
the next inquire cycle.) The processor samples INV asserted
during the inquire cycle and transitions the line to the Invalid
state regardless of its previous state.
During an AHOLD-initiated inquire cycle, the processor
samples AHOLD on every clock edge until it is negated. In
Figure 62, the processor asserts ADS# off the same clock on
which AHOLD is sampled negated. If the inquire cycle hits a
modified line, the processor performs a writeback cycle before
it drives a new bus cycle. The next section describes the
AHOLD-initiated inquire cycle that hits a modified line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com