Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 170 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 170 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 166Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 167Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 168Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 169Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 170Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 171Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 172Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 173Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 174Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 332 page
background image
152
Bus Cycles
Chapter 6
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
HOLD-Initiated
Inquire Hit to
Modified Line
Figure 60 on page 153 shows the same sequence as Figure 59,
but in Figure 60, the inquire cycle hits a modified line and the
processor asserts both HIT# and HITM#. In this example, the
processor performs a writeback cycle immediately after the
inquire cycle. It updates the modified cache line to the external
memory (normally, external cache or DRAM). The processor
uses the address (A[31:5]) that was latched during the inquire
cycle to perform the writeback cycle. The processor asserts
HITM# throughout the writeback cycle and negates HITM# one
clock edge after the last expected BRDY# of the writeback is
sampled asserted.
When the processor samples EADS# during the inquire cycle, it
also samples INV to determine the cache line MESI state after
the inquire cycle. If INV is sampled asserted during an inquire
cycle, the processor transitions the line (if found) to the Invalid
stat e, regardless of its prev ious sta te. Th e c a ch e line
invalidation operation is not visible on the bus. If INV is
sampled negated during an inquire cycle, the processor
transitions the line (if found) to the Shared state. In Figure 60
the processor samples INV asserted during the inquire cycle.
In a HOLD-initiated inquire cycle, the system logic can negate
HOLD off the same clock edge on which EADS# is sampled
asserted. The processor drives HIT# and HITM# on the clock
edge after the clock edge on which EADS# is sampled asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com