Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 197 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 197 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 193Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 194Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 195Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 196Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 197Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 198Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 199Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 200Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 201Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 332 page
background image
Chapter 7
Power-On Configuration and Initialization
179
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
7
Power-On Configuration and Initialization
On power-on, the system logic must reset the AMD-K6-2E
processor by asserting the RESET signal. When the processor
samples RESET asserted, it immediately flushes and initializes
all internal resources and its internal state, including its
pipelines and caches, the floating-point state, the MMX and
3DNow! states, and all registers. Then, the processor jumps to
address FFFF_FFF0h to start instruction execution.
7.1
Signals Sampled During the Falling Transition of RESET
FLUSH#
FLUSH# is sampled on the falling transition of RESET to
determine if the processor begins normal instruction execution
or enters three-state test mode.
s
If FLUSH# is High during the falling transition of RESET,
the processor unconditionally runs its Built-In Self Test
(BIST), performs the normal reset functions, then jumps to
address FFFF_FFF0h to start instruction execution. (See
“Built-In Self-Test (BIST)” on page 227 for more details.)
s
If FLUSH# is Low during the falling transition of RESET,
the
processor
enters
three-state
test
mode.
(See
“Three-State Test Mode” on page 228 and “FLUSH# (Cache
Flush)” on page 104 for more details.)
BF[2:0]
Th e i n te rnal o p e ra t ing frequency of the pro c ess o r i s
determined by the state of the bus frequency signals BF[2:0]
when they are sampled during the falling transition of RESET.
The frequency of the CLK input signal is multiplied internally
by a ratio defined by BF[2:0]. (See “BF[2:0] (Bus Frequency)”
on page 93 for the processor-clock to bus-clock ratios.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com