Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 270 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 270 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 266Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 267Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 268Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 269Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 270Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 271Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 272Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 273Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 274Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 332 page
background image
252
Clock Control
Chapter 13
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
13.5
Stop Clock State
Enter Stop Clock
State
If the CLK signal is stopped while the AMD-K6-2E processor is
in the Stop Grant state, the processor enters the Stop Clock
state. Because all internal clocks and the PLL are not running
in the Stop Clock state, the Stop Clock state represents the
minimum-power state of all clock control states. The CLK signal
must be held Low while it is stopped.
The Stop Clock state cannot be entered from the Halt state.
INTR is the only input signal that is allowed to change states
while the processor is in the Stop Clock state. However, INTR is
not sampled until the processor returns to the Stop Grant state.
All other input signals must remain unchanged in the Stop
Clock state.
Exit Stop Clock State
The AMD-K6-2E processor returns to the Stop Grant state from
the Stop Clock state after the CLK signal is started and the
internal PLL has stabilized. PLL stabilization is achieved after
the CLK signal has been running within its specification for a
minimum of 1.0 ms.
The frequency of CLK when exiting the Stop Clock state can be
different than the frequency of CLK when entering the Stop
Clock state.
The state of the BF[2:0] signals when exiting the Stop Clock
state is ignored because the BF[2:0] signals are only sampled
during the falling transition of RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com