Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 272 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 272 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 268Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 269Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 270Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 271Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 272Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 273Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 274Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 275Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 276Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 332 page
background image
254
Electrical Data
Chapter 14
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
14.1
Operating Ranges
The AMD-K6-2E processor is designed to provide functional
operation if the voltage and temperature parameters are within
the limits defined in Table 49.
Table 49. Operating Ranges
Parameter
Parameter Description
Minimum
Typical
Maximum
VCC2
1
Notes:
1. VCC2 and VCC3 are referenced from VSS.
Core Supply Voltage—Low Power2
2. VCC2 specification for 1.9-V component.
1.8 V
1.9 V
2.0 V
Core Supply Voltage—Standard Power3
3. VCC2 specification for 2.2-V component.
2.1 V
2.2 V
2.3 V
VCC3
1
I/O Supply Voltage—Standard and Low Power
3.135 V
3.3 V
3.6 V
TCASE
Case Temperature—Low Power4
4. Case temperature range required for AMD-K6-2E/xxxAMZ valid ordering part number combinations, where xxx represents the
processor core frequency.
0
•C–
85
•C
Case Temperature—Standard Power5
5. Case temperature range required for AMD-K6-2E/xxxAFR valid ordering part number combinations, where xxx represents the
processor core frequency.
0
•C–
70
•C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com