Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 276 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 276 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 272Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 273Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 274Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 275Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 276Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 277Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 278Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 279Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 280Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 332 page
background image
258
Electrical Data
Chapter 14
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
14.4
Power Dissipation
Table 52 and Table 53 list the typical and maximum power
dissipation of the AMD-K6-2E processor during normal and
reduced power states.
.
Table 52. Typical and Maximum Power Dissipation for OPN Suffix AMZ (Low-Power Devices)
Clock Control State
233 MHz1
Notes:
1. This specification applies to components using a CLK frequency of 66 MHz.
266 MHz1
300 MHz1,3
333 MHz1,2
2. This specification applies to components using a CLK frequency of 95 MHz.
350 MHz3
3. This specification applies to components using a CLK frequency of 100 MHz.
Thermal Power
(Maximum)4,5
4. The maximum power dissipated in the normal clock control state must be taken into account when designing a solution for
thermal dissipation for the AMD-K6-2E processor.
5. Maximum power is determined for the worst-case instruction sequence or function for the listed clock control states with
VCC2 = 1.9 V, and VCC3 = 3.3 V.
9.00 W
10.00 W
10.00 W
10.00 W
11.00 W
Thermal Power
(Typical)6
6. Typical power is determined for the typical instruction sequences or functions associated with normal system operation with
VCC2 = 1.9 V, and VCC3 = 3.3 V.
6.30 W
7.00 W
7.00 W
7.00 W
7.70 W
Stop Grant/Halt
(Maximum)7
7. The CLK signal and the internal PLL are still running but most internal clocking has stopped.
1.20 W
1.20 W
1.20 W
1.20 W
1.20 W
Stop Clock
(Maximum)8
8. The CLK signal, the internal PLL, and all internal clocking has stopped.
1.00 W
1.00 W
1.00 W
1.00 W
1.00 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com