Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 277 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 277 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 273Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 274Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 275Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 276Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 277Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 278Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 279Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 280Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 281Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 332 page
background image
Chapter 14
Electrical Data
259
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Table 53. Typical and Maximum Power Dissipation for OPN Suffix AFR (Standard-Power Devices)
Clock Control State
233 MHz1
Notes:
1. This specification applies to components using a CLK frequency of 66 MHz.
266 MHz1
300 MHz1,3
333 MHz1,2
2. This specification applies to components using a CLK frequency of 95 MHz.
350 MHz3
3. This specification applies to components using a CLK frequency of 100 MHz.
400 MHz1,3
Thermal Power
(Maximum)4,5
4. The maximum power dissipated in the normal clock control state must be taken into account when designing a solution for
thermal dissipation for the AMD-K6-2E processor.
5. Maximum power is determined for the worst-case instruction sequence or function for the listed clock control states with
VCC2 = 2.2 V, and VCC3 = 3.3 V.
13.50 W
14.70 W
17.20 W
19.00 W
19.95 W
16.90 W
Thermal Power
(Typical)6
6. Typical power is determined for the typical instruction sequences or functions associated with normal system operation with
VCC2 = 2.2 V, and VCC3 = 3.3 V.
8.10
8.85 W
10.35 W
11.40 W
11.98 W
10.15 W
Stop Grant/Halt
(Maximum)7
7. The CLK signal and the internal PLL are still running but most internal clocking has stopped.
2.46 W
2.48 W
2.50 W
3.94 W
3.96 W
4.40 W
Stop Clock
(Maximum)8
8. The CLK signal, the internal PLL, and all internal clocking has stopped.
2.25 W
2.25
2.25 W
3.50 W
3.50 W
4.00 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com