Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 280 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 280 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 276Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 277Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 278Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 279Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 280Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 281Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 282Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 283Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 284Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 332 page
background image
262
Electrical Data
Chapter 14
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
14.6
Power and Grounding
Power Connections
The AMD-K6-2E processor is a dual voltage device. Two
separate supply voltages are required: VCC2 and VCC3.
s
VCC2 provides the core voltage for the processor.
s
VCC3 provides the I/O voltage.
See “Electrical Data” on page 253 for the value and range of
VCC2 and VCC3.
There are 28 VCC2, 32 VCC3, and 68 VSS pins on the AMD-K6-2E
processor. (See Chapter 17, “Pin Designation Diagrams” on
page 299 for all power and ground pin designations.) The large
number of power and ground pins are provided to ensure that
the processor and package maintain a clean and stable power
distribution network.
For proper operation and functionality, all VCC2, VCC3, and VSS
pins must be connected to the appropriate planes in the circuit
board. The power planes have been arranged in a pattern to
simplify routing and minimize crosstalk on the circuit board.
The isolation region between two voltage planes must be at
least 0.254 mm if they are in the same layer of the circuit board.
(See Figure 88 on page 263.) To maintain low-impedance
current sink and reference, the ground plane must never be
split.
Although the AMD-K6-2E processor has two separate supply
voltages, there are no special power sequencing requirements.
The best procedure is to minimize the time between which VCC2
and VCC3 are either both on or both off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com