Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 283 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 283 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 279Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 280Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 281Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 282Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 283Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 284Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 285Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 286Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 287Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 332 page
background image
Chapter 14
Electrical Data
265
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
The following list characterizes the properties of the I/O buffer
model:
s
All data tables contain minimum, typical, and maximum
values to allow for worst-case, typical, and best-case
simulations, respectively.
s
The pullup, pulldown, power clamp, and ground clamp
device V/I tables contain enough data points to accurately
represent the nonlinear nature of the V/I curves. In addition,
the voltage ranges provided in these tables extend beyond
the normal operating range of the AMD-K6-2E processor for
those simulators that yield more accurate results based on
this wider range.
s
The rising and falling ramp rates are specified.
s
The min/typ/max VCC3 operating range is specified as
3.135V, 3.3V, and 3.6V, respectively.
s
VIL = 0.8V, VIH = 2.0V, and VMEAS = 1.5V.
s
The R/L/C of the package is modeled.
s
The capacitance of the silicon die is modeled.
s
The model assumes a test load resistance of 50
W.
I/O Model
Application Note
For the AMD-K6-2E processor I/O Buffer IBIS Models and their
application, refer to the AMD-K6® Processor I/O Model (IBIS)
Application Note, order #21084.
I/O Buffer AC and DC
Characteristics
See “Signal Switching Characteristics” on page 267 for the
AMD-K6-2E processor AC timing specifications.
Us e th is c h apter f o r th e AMD-K6-2 E pr oc essor DC
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com