Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 323 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 323 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 319Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 320Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 321Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 322Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 323Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 324Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 325Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 326Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 327Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 332 page
background image
Chapter 19
Ordering Information
305
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
19
Ordering Information
AMD standard- and low-power products are available in several operating ranges. The
ordering part number (OPN) is formed by a combination of the elements below. See
Table 73 on page 306 for valid ordering part number combinations.
A
AMD-K6-2E/
Package Type
Family/Core
A = 321-pin Ceramic Pin Grid Array (CPGA)
AMD-K6-2E Embedded Processor
Case Temperature
R= 0°C–70°C
Z= 0°C–85°C
400
Performance Rating
/400 = 400 MHz
/350 = 350 MHz
/333 = 333 MHz
/300 = 300 MHz
/266 = 266 MHz
/233 = 233 MHz
Operating Voltage
F = 2.1 V–2.3 V (Core) / 3.135 V–3.6 V (I/O)
M = 1.8 V–2.0 V (Core) / 3.135 V–3.6 V (I/O)
F R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com