Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 324 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 324 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 320Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 321Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 322Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 323Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 324Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 325Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 326Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 327Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 328Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 332 page
background image
306
Ordering Information
Chapter 19
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Table 73. Valid Ordering Part Number Combinations
1
Notes:
1. This table lists configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly-released combinations.
Device
Type
OPN
Package Type
Operating Voltage
Case
Temperature
Maximum CPU/Bus
Frequency
Low
Power
AMD-K6-2E/350AMZ
321-pin CPGA
1.8V–2.0V (Core)
3.135V–3.6V (I/O)
0°C–85°C
350 MHz/100 MHz
AMD-K6-2E/333AMZ
321-pin CPGA
1.8V–2.0V (Core)
3.135V–3.6V (I/O)
0°C–85°C
333 MHz/95 MHz
2
2. Also supports 66-MHz bus operation.
AMD-K6-2E/300AMZ
321-pin CPGA
1.8V–2.0V (Core)
3.135V–3.6V (I/O)
0°C–85°C
300 MHz/100 MHz
2
AMD-K6-2E/266AMZ
321-pin CPGA
1.8V–2.0V (Core)
3.135V–3.6V (I/O)
0°C–85°C
266 MHz/66 MHz
AMD-K6-2E/233AMZ
321-pin CPGA
1.8V–2.0V (Core)
3.135V–3.6V (I/O)
0°C–85°C
233 MHz/66 MHz
Standard
Power
AMD-K6-2E/400AFR
321-pin CPGA
2.1V–2.3V (Core)
3.135V–3.6V (I/O)
0°C–70°C
400 MHz/100 MHz
2
AMD-K6-2E/350AFR
321-pin CPGA
2.1V–2.3V (Core)
3.135V–3.6V (I/O)
0°C–70°C
350 MHz/100 MHz
AMD-K6-2E/333AFR
321-pin CPGA
2.1V–2.3V (Core)
3.135V–3.6V (I/O)
0°C–70°C
333 MHz/95 MHz
2
AMD-K6-2E/300AFR
321-pin CPGA
2.1V–2.3V (Core)
3.135V–3.6V (I/O)
0°C–70°C
300 MHz/100 MHz
2
AMD-K6-2E/266AFR
321-pin CPGA
2.1V–2.3V (Core)
3.135V–3.6V (I/O)
0°C–70°C
266 MHz/66 MHz
AMD-K6-2E/233AFR
321-pin CPGA
2.1V–2.3V (Core)
3.135V–3.6V (I/O)
0°C–70°C
233 MHz/66 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com