Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 252 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 252 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 248Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 249Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 250Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 251Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 252Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 253Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 254Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 255Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 256Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 286 page
background image
Electrical Specifications
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
252
Freescale Semiconductor
Pullup resistors (as input only)
Ports PTA3/KBD37–PTA0/KBD0, PTC1–PTC0,
PTD6/T2CH0–PTD0/SS
RPU
20
45
65
k
Ω
Capacitance
Ports (as input or output)
COut
CIn
—
—
—
—
12
8
pF
Monitor mode entry voltage
VTST
VDD +2.5
—
VDD +4.0
V
Low-voltage inhibit, trip falling voltage – target
VTRIPF
2.35
2.60
2.70
V
Low-voltage inhibit, trip rising voltage – target
VTRIPR
2.45
2.66
2.80
V
Low-voltage inhibit reset/recover hysteresis – target
(VTRIPF + VHYS = VTRIPR)
VHYS
—60
—
mV
Input hysteresis (alternative input functions only)(7), (12)
VInHYS
0.06 x VDD
——
V
POR rearm voltage(7), (13)
VPOR
0
—
100
mV
POR reset voltage(14)
VPORRST
0
700
800
mV
POR rise time ramp rate(7), (15)
RPOR
0.035
—
—
V/ms
1. VDD = 3.0 Vdc ± 10%, VSS = 0 Vdc, TA = TL to TH, unless otherwise noted
2. Typical values reflect average measurements at midpoint of voltage range, 25
°C only.
3. Run (operating) IDD measured using external square wave clock source (fosc = 16.4 MHz). All inputs 0.2 V from rail. No
dc loads. Less than 100 pF on all outputs. CL = 20 pF on OSC2. All ports configured as inputs. OSC2 capacitance linearly
affects run IDD. Measured with all modules enabled.
4. Wait IDD measured using external square wave clock source (fosc = 16.4 MHz). All inputs 0.2 V from rail. No dc loads. Less
than 100 pF on all outputs. CL = 20 pF on OSC2. All ports configured as inputs. OSC2 capacitance linearly affects wait
IDD. Measured with PLL and LVI enabled.
5. Stop IDD is measured with OSC1 = VSS.
6. Stop IDD with TBM enabled is measured using an external square wave clock source (fOSC = 32.8 KHz). All inputs 0.2 V
from rail. No dc loads. Less than 100 pF on all outputs. All ports configured as inputs.
7. This parameter is characterized and not tested on each device.
8. All functional non-supply pins are internally clamped to VSS and VDD.
9. Input must be current limited to the value specified. To determine the value of the required current-limiting resistor, calculate
resistance values for positive and negative clamp voltages, then use the larger of the two values.
10. Power supply must maintain regulation within operating VDD range during instantaneous and operating maximum current
conditions. If positive injection current (VIN > VDD) is greater than IDD, the injection current may flow out of VDD and could
result in external power supply going out of regulation. Ensure external VDD load will shunt current greater than maximum
injection current. This will be the greatest risk when the MCU is not consuming power. Examples are: if no system clock is
present, or if clock rate is very low (which would reduce overall power consumption).
11. Pullups and pulldowns are disabled.
12. Digital inputs have hysteresis whenever they are configured for any alternative peripheral input function other than as a
general-purpose input.
13. Maximum is highest voltage that POR is guaranteed.
14. Maximum is highest voltage that POR is possible.
15. If minimum VDD is not reached before the internal POR reset is released, RST must be driven low externally until minimum
VDD is reached.
Characteristic(1)
Symbol
Min
Typ(2)
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com