Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 260 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 260 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 256Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 257Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 258Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 259Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 260Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 261Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 262Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 263Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 264Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 286 page
background image
Electrical Specifications
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
260
Freescale Semiconductor
Figure 23-10. Typical Low-Side Driver Characteristics –
Port PTC1–PTC0 (VDD = 2.7 Vdc)
Figure 23-11. Typical Low-Side Driver Characteristics –
Ports PTB5–PTB0, PTD6–PTD0, and
PTE1–PTE0 (VDD = 5.5 Vdc)
Figure 23-12. Typical Low-Side Driver Characteristics –
Ports PTB5–PTB0, PTD6–PTD0, and
PTE1–PTE0 (VDD = 2.7 Vdc)
5
10
15
20
25
30
–40
0
25
0
VOL (V)
0.4
0.6
0.8
1.0
1.2
0.2
85
1.4
1.6
VOL < 0.8 V @ IOL = 10 mA
5
10
15
20
25
30
35
–40
0
25
0
VOL (V)
0
0.4
0.6
0.8
1.0
1.2
0.2
85
1.4
1.6
VOL < 0.4 V @ IOL = 1.6 mA
VOL < 1.5 V @ IOL = 10.0 mA
2
4
6
8
10
12
14
–40
0
25
0
VOL (V)
0.2
0.4
0.6
0.8
1.0
0
85
1.2
1.6
1.4
VOL < 0.3 V @ IOL = 0.5 mA
VOL < 1.0 V @ IOL = 6.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com