Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89V52X2FN Datasheet(PDF) 41 Page - NXP Semiconductors

Part # P89V52X2FN
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89V52X2FN Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button P89V52X2FN Datasheet HTML 37Page - NXP Semiconductors P89V52X2FN Datasheet HTML 38Page - NXP Semiconductors P89V52X2FN Datasheet HTML 39Page - NXP Semiconductors P89V52X2FN Datasheet HTML 40Page - NXP Semiconductors P89V52X2FN Datasheet HTML 41Page - NXP Semiconductors P89V52X2FN Datasheet HTML 42Page - NXP Semiconductors P89V52X2FN Datasheet HTML 43Page - NXP Semiconductors P89V52X2FN Datasheet HTML 44Page - NXP Semiconductors P89V52X2FN Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
P89V52X2_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 01 — 7 June 2007
41 of 56
NXP Semiconductors
P89V52X2
80C51 with 256 B RAM, 192 B data EEPROM
6.16 Code security (CSEC) bits
The code security bits protects against software piracy and prevents the contents of the
flash from being read by unauthorized parties. The code security bits and their effects are
shown in Table 41.
Table 40.
UCFG - User configuration register bit description
Bit
Symbol
Description
7 to 3
-
Reserved
2
ENW
Enable Write. When programmed = 1, forces the WE bit to be set.
1
FX2
Force X2. When programmed = 1, the device is in 6-clock mode.
When erased = 0, the mode depends on the state of the X2 bit in
CKCON.
0
EXTCLK
External Clock. When programmed = 1, disables the XTAL block when
using an external digital clock source.
Table 41.
CSEC - Code security register bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
--
----
INTEXEC
PROT
Table 42.
CSEC - Code security register bit description
Bit
Symbol
Description
7 to 2
-
Reserved
1
INTEXEC
Internal execution only. When programmed, if the internal address
space is exceeded, the address will rollover into internal space (upper
address bits are ignored) for MOVC and instruction fetches. MOVC
will access the data EEPROM when the address >= FF00H.
0
PROT
Protect. When programmed, prohibits further erasing or programming
of code memory.
MOVC instructions executed from external
code memory are disabled from fetching code bytes from
internal code memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com