Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89V52X2FN Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P89V52X2FN
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89V52X2FN Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P89V52X2FN Datasheet HTML 7Page - NXP Semiconductors P89V52X2FN Datasheet HTML 8Page - NXP Semiconductors P89V52X2FN Datasheet HTML 9Page - NXP Semiconductors P89V52X2FN Datasheet HTML 10Page - NXP Semiconductors P89V52X2FN Datasheet HTML 11Page - NXP Semiconductors P89V52X2FN Datasheet HTML 12Page - NXP Semiconductors P89V52X2FN Datasheet HTML 13Page - NXP Semiconductors P89V52X2FN Datasheet HTML 14Page - NXP Semiconductors P89V52X2FN Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
P89V52X2_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 01 — 7 June 2007
11 of 56
NXP Semiconductors
P89V52X2
80C51 with 256 B RAM, 192 B data EEPROM
6.2 Memory organization
The various P89V52X2 memory spaces are as follows:
• DATA
128 B of internal data memory space (00H:7FH) accessed via direct or indirect
addressing, using instructions other than MOVX and MOVC. All or part of the Stack
may be in this area.
• IDATA
Indirect Data. 256 B of internal data memory space (00H:FFH) accessed via indirect
addressing using instructions other than MOVX and MOVC. All or part of the Stack
may be in this area. This area includes the DATA area and the 128 B immediately
above it.
• SFR
Special Function Registers. Selected CPU registers and peripheral control and status
registers, accessible only via direct addressing.
• CODE
64 kB of Code memory space, accessed as part of program execution and via the
MOVC instruction. The P89V52X2 has 8 kB of on-chip Code memory.
6.3 System clock and clock options
6.3.1 Clock input options and recommended capacitor values for the oscillator
Shown in Figure 5 and Figure 6 are the input and output of an internal inverting amplifier
(XTAL1, XTAL2), which can be configured for use as an on-chip oscillator.
When driving the device from an external clock source, XTAL2 should be left
disconnected and XTAL1 should be driven. Power consumption can be further reduced by
programming the EXTCLK bit (UCFG.0).
At start-up, the external oscillator may encounter a higher capacitive load at XTAL1 due to
interaction between the amplifier and its feedback capacitance. However, the capacitance
will not exceed 15 pF once the external signal meets the VIL and VIH specifications.
Resonator manufacturer, supply voltage, and other factors may cause circuit performance
to differ from one application to another. C1 and C2 should be adjusted appropriately for
each design. Table 4 shows the typical values for C1 and C2 vs. resonator type for various
frequencies
Table 4.
Recommended values for C1 and C2 by crystal type
Resonator
C1 =C2
Quartz
20 pF to 30 pF
Ceramic
40 pF to 50 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com