Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89V52X2FN Datasheet(PDF) 26 Page - NXP Semiconductors

Part # P89V52X2FN
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89V52X2FN Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button P89V52X2FN Datasheet HTML 22Page - NXP Semiconductors P89V52X2FN Datasheet HTML 23Page - NXP Semiconductors P89V52X2FN Datasheet HTML 24Page - NXP Semiconductors P89V52X2FN Datasheet HTML 25Page - NXP Semiconductors P89V52X2FN Datasheet HTML 26Page - NXP Semiconductors P89V52X2FN Datasheet HTML 27Page - NXP Semiconductors P89V52X2FN Datasheet HTML 28Page - NXP Semiconductors P89V52X2FN Datasheet HTML 29Page - NXP Semiconductors P89V52X2FN Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
P89V52X2_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 01 — 7 June 2007
26 of 56
NXP Semiconductors
P89V52X2
80C51 with 256 B RAM, 192 B data EEPROM
6.10.2 Mode 1
10 bits are transmitted (through TXD) or received (through RXD): a start bit (logical 0), 8
data bits (LSB first), and a stop bit (logical 1). When data is received, the stop bit is stored
in RB8 in Special Function Register SCON. The baud rate is variable and is determined
by the Timer 1
⁄
2 overflow rate.
6.10.3 Mode 2
11 bits are transmitted (through TXD) or received (through RXD): start bit (logical 0), 8
data bits (LSB first), a programmable 9th data bit, and a stop bit (logical 1). When data is
transmitted, the 9th data bit (TB8 in SCON) can be assigned the value of 0 or (e.g. the
parity bit (P, in the PSW) could be moved into TB8). When data is received, the 9th data
bit goes into RB8 in Special Function Register SCON, while the stop bit is ignored. The
baud rate is programmable to either 1
⁄
16 or
1
⁄
32 of the CPU clock frequency, as determined
by the SMOD1 bit in PCON.
6.10.4 Mode 3
11 bits are transmitted (through TXD) or received (through RXD): a start bit (logical 0), 8
data bits (LSB first), a programmable 9th data bit, and a stop bit (logical 1). In fact, Mode 3
is the same as Mode 2 in all respects except baud rate. The baud rate in Mode 3 is
variable and is determined by the Timer 1
⁄
2 overflow rate.
Table 21.
SCON - Serial port control register (address 98H) bit allocation
Bit addressable; Reset value: 00H
Bit
7
6
5
4
3
2
1
0
Symbol
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
Table 22.
SCON - Serial port control register (address 98H) bit description
Bit
Symbol
Description
7
SM0/FE
The usage of this bit is determined by SMOD0 in the PCON register. If
SMOD0 = 0, this bit is SM0, which with SM1, defines the serial port
mode. If SMOD0 = 1, this bit is FE (Framing Error). FE is set by the
receiver when an invalid stop bit is detected. Once set, this bit cannot
be cleared by valid frames but can only be cleared by software. (Note:
It is recommended to set up UART mode bits SM0 and SM1 before
setting SMOD0 to ‘1’.)
6
SM1
With SM0, defines the serial port mode (see Table 23 below).
5
SM2
Enables the multiprocessor communication feature in Modes 2 and 3.
In Mode 2 or 3, if SM2 is set to ‘1’, then RI will not be activated if the
received 9th data bit (RB8) is ‘0’. In Mode 1, if SM2 = 1 then RI will not
be activated if a valid stop bit was not received. In Mode 0, SM2
should be ‘0’.
4
REN
Enables serial reception. Set by software to enable reception. Clear by
software to disable reception.
3
TB8
The 9th data bit that will be transmitted in Modes 2 and 3. Set or clear
by software as desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com