Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5177DCPR Datasheet(PDF) 16 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 12Page - Texas Instruments LM5177DCPR Datasheet HTML 13Page - Texas Instruments LM5177DCPR Datasheet HTML 14Page - Texas Instruments LM5177DCPR Datasheet HTML 15Page - Texas Instruments LM5177DCPR Datasheet HTML 16Page - Texas Instruments LM5177DCPR Datasheet HTML 17Page - Texas Instruments LM5177DCPR Datasheet HTML 18Page - Texas Instruments LM5177DCPR Datasheet HTML 19Page - Texas Instruments LM5177DCPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
5.6 Typical Characteristics (continued)
The following conditions apply (unless otherwise noted): TJ = 25°C; V(VCC) = 5V
BIAS pin Voltage (V)
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
Figure 5-19. Quiescent Current into BIAS versus Pin Voltage
VEN/UVLO = 3.3 V, V(VIN) = 12 V
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
50
52
54
56
58
60
62
64
66
68
70
72
74
76
78
80
Figure 5-20. Quiescent Current into BIAS versus Temperature
VEN/UVLO = 3.3 V, V(VIN) = 12 V
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
9
9.2
9.4
9.6
9.8
10
10.2
10.4
10.6
10.8
11
Figure 5-21. Soft-Start current versus Temperature
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
Figure 5-22. Hysteresis Current on EN/UVLO versus
Temperature
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com