Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5177DCPR Datasheet(PDF) 42 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 42 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 38Page - Texas Instruments LM5177DCPR Datasheet HTML 39Page - Texas Instruments LM5177DCPR Datasheet HTML 40Page - Texas Instruments LM5177DCPR Datasheet HTML 41Page - Texas Instruments LM5177DCPR Datasheet HTML 42Page - Texas Instruments LM5177DCPR Datasheet HTML 43Page - Texas Instruments LM5177DCPR Datasheet HTML 44Page - Texas Instruments LM5177DCPR Datasheet HTML 45Page - Texas Instruments LM5177DCPR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
8.2.2.9 Soft-Start Capacitor
The soft-start time is programmed using the soft-start capacitor. The relationship between CSS and the soft-start
time is given by:
CSS= ISS×tSSVRef= 18 nF
(30)
CSS = 18 nF gives a soft-start time of 1.8 ms.
8.2.2.10 MOSFETs QH1 and QL1
The input side MOSFETs QH1 (Q1) and QL1 (Q2) need to withstand the maximum input voltage of 36 V. In
addition, they must withstand the transient spikes at SW1 during switching. Therefore, QH1 and QL1 must be
rated for 50 V or higher. The gate plateau voltages of the MOSFETs must be smaller than the minimum input
voltage of the converter, otherwise, the MOSFETs may not fully enhance during start-up or overload conditions.
The power loss in QH1 in boost mode is approximated by:
PCONDQH1 = IOUT×VOUTVIN 2× RDS,OnQH1
(31)
The power loss in QH1 in buck mode consists of both conduction and switching loss components given by
Equation 32 and Equation 33, respectively:
PCONDQH1 = IOUT×VOUTVIN 2×RDS,OnQH1
(32)
PSWQH1 =12×VIN×IOUT× tr+tf ×fSW
(33)
The rise (tr) and the fall (tf) times are based on the MOSFET data sheet information or measured in the
lab. Typically, a MOSFET with smaller RDSON (smaller conduction loss) has longer rise and fall times (larger
switching loss).
The power loss in QL1 in the buck mode of operation is shown in Equation 34:
PCONDQL1 = 1−VOUTVIN ×IOUT2× RDS,OnQL1
(34)
8.2.2.11 MOSFETs QH2 and QL2
The output side MOSFETs QH2 (Q3) and QL2 (Q4) see the output voltage of 16 V and additional transient
spikes at SW2 during switching. Therefore, QH2 and QL2 must be rated for 25 V or more. The gate plateau
voltages of the MOSFETs must be smaller than the minimum input voltage of the converter, otherwise, the
MOSFETs may not fully enhance during start-up or overload conditions.
The power loss in QH2 in buck mode of operation is approximated by:
PCONDQH2 =IOUT2× RDS,OnQH2
(35)
The power loss in QL2 in the boost mode of operation consists of both conduction and switching loss
components given by Equation 36 and Equation 37, respectively:
PCONDQL2 = 1− VINVOUT × IOUT×VOUTVIN 2× RDS,OnQL2
(36)
PSWQL2 =12×VOUT× IOUT×VOUTVIN × tr+tf ×fSW
(37)
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
www.ti.com
42
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com