Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5177DCPR Datasheet(PDF) 11 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 7Page - Texas Instruments LM5177DCPR Datasheet HTML 8Page - Texas Instruments LM5177DCPR Datasheet HTML 9Page - Texas Instruments LM5177DCPR Datasheet HTML 10Page - Texas Instruments LM5177DCPR Datasheet HTML 11Page - Texas Instruments LM5177DCPR Datasheet HTML 12Page - Texas Instruments LM5177DCPR Datasheet HTML 13Page - Texas Instruments LM5177DCPR Datasheet HTML 14Page - Texas Instruments LM5177DCPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
Typical values correspond to TJ=25°C. Minimum and maximum limits apply over TJ=-40°C to 125℃. Unless otherwise stated,
V(BIAS) =12 V
PARAMETER
MIN
TYP
MAX UNIT
nFLT off-state leakage
V(nFLT)=5V
100
nA
td(nFLT-PIN)
nFLT pin reaction time
Measured from a fault
event until nFLT goes low
37
µs
MOSFET DRIVER
tr
Rise time
HG1, HG2,
LG1, LG2
CG = 3.3nF
12
ns
tf
Fall time
HG1, HG2,
LG1, LG2
CG = 3.3nF
12
ns
tt
Dead-time
HOx from
High to Low
and LOx
from Low to
High
CG = 3.3nF
R(RT) = 14.7 kΩ
19
ns
HOx from
Low to High
and LOx
from High
to Low
20.5
ns
HOx from
High to Low
and LOx
from Low to
High
R(RT) = 316 k Ω
21.5
ns
HOx from
Low to High
and LOx
from High
to Low
23
ns
Gate driver low side
PMOS on-resistance
LO1, LO2
I(test) = 200 mA
1.6
Ω
Gate driver high side
PMOS on-resistance
HO1, HO2
I(test) = 200 mA
1.3
Ω
Gate driver low side
NMOS on-resistance
LO1, LO2
I(test) = 200 mA
0.6
Ω
Gate driver high side
NMOS on-resistance
HO1, HO2
I(test) = 200 mA
0.7
Ω
VTH-
(BST_UV)
Negative going boot-strap
V(HBx) - V(SWx) falling
2.4
2.8
3.1
V
VTH+
(BST_UV)
Positive going boot-strap
V(HBx) - V(SWx) rising
2.6
3
3.35
V
VTH+
(BST_OV)
Positive going boot-strap
over-voltage threshold
Positive
going boot-
strap over-
voltage
threshold
V(HBx) - V(SWx) rising,
I(HBx)=25uA
4.8
5.5
6.3
V
VTH
(GATEOUT)
Low/High Side Gate driver output
switching detection
referenced to VCC
37
%
referenced to V(HBx) -
V(SWx)
37
%
THERMAL SHUTDOWN
TT+J
Thermal shutdown
threshold
Thermal
shutdown
threshold
TJ rising
164
°C
Thermal shutdown
hysteresis
Thermal
shutdown
hysteresis
15
°C
www.ti.com
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com