Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5177DCPR Datasheet(PDF) 38 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 38 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 34Page - Texas Instruments LM5177DCPR Datasheet HTML 35Page - Texas Instruments LM5177DCPR Datasheet HTML 36Page - Texas Instruments LM5177DCPR Datasheet HTML 37Page - Texas Instruments LM5177DCPR Datasheet HTML 38Page - Texas Instruments LM5177DCPR Datasheet HTML 39Page - Texas Instruments LM5177DCPR Datasheet HTML 40Page - Texas Instruments LM5177DCPR Datasheet HTML 41Page - Texas Instruments LM5177DCPR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The LM5177 is a wide input voltage, synchronous, non-inverting buck-boost controller, suitable for applications
that need a regulated output voltage from an input supply that can be higher or lower than the output voltage.
To expedite and streamline the process of designing the external circuits and select the components, a
comprehensive quickstart calculator is available for download to assist the designer with component selection for
a given application.
8.2 Typical Application
RCS
RISNS(OUT)
CIN
COUT
CVCC
nFLT
NU
NU
SYNC
MODE
CFG
SLOPE
DTRK
HO1
LO1
VCC
LO2
HO2
HB2
SW2
PGND
LF
Q1
Q3
Q2
Q4
HO2
HO2
LO2
GND
VOUT
ISNSP
VIN
CBOOT2
CBOOT1
SW1
VCC
ISNSP
ISNSN
RFBT
VOUT
VIN
RIMON
CIMON
RUV2
LO2
SW2
SW1
SW2
CBIAS
CVIN
VBIAS
SYNC
AGND
PGND
VIN
nFLT
VCC
ISNSN
Figure 8-1. Simplified Schematic of a Typical Application
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
www.ti.com
38
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com