Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5177DCPR Datasheet(PDF) 34 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 30Page - Texas Instruments LM5177DCPR Datasheet HTML 31Page - Texas Instruments LM5177DCPR Datasheet HTML 32Page - Texas Instruments LM5177DCPR Datasheet HTML 33Page - Texas Instruments LM5177DCPR Datasheet HTML 34Page - Texas Instruments LM5177DCPR Datasheet HTML 35Page - Texas Instruments LM5177DCPR Datasheet HTML 36Page - Texas Instruments LM5177DCPR Datasheet HTML 37Page - Texas Instruments LM5177DCPR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
VCC
HBx
HOx
SWx
PGND
LOx
GATE
LOG IC
&
DELAY
LEV EL
SHIFTER
V(VCC)
PWM
VT-(BOOT,UVLO)
Q1
Q2
Q3
Q4
RT
OV_ CL AMP
Figure 7-19. Functional Block Diagram Gate Driver
External Gate Driver Support
The LM5177 supports external gate driver by the HOx_LL pins. These pins provide the two high-side gate drive
signals referenced to ground. By connecting the HOx_LL and LOx signals to a external gate driver the external
power FETs can be controlled by the external gate driver. This feature for example is helpful in case no logic
level FET is available and the application need to drive gate voltages higher the one the integrated gate drive
supports.
The external bootstrap capacitors on HBx still needs to be placed in the schematic as the internal current sense
amplifier is still supplied trough this pins. The HOx pin can be left floating. Make sure the supply voltage V(extGD)
for each external gate driver maintains the necessary requirements for a 4-switch Buck-Boost such as 100%
duty cycle and the isolation between each side of the full-bridge. Below Simplified Schematic External Gate
Driver support show a functional block diagram of a possible connection for a external gate driver.
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
www.ti.com
34
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com