Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5177DCPR Datasheet(PDF) 31 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 27Page - Texas Instruments LM5177DCPR Datasheet HTML 28Page - Texas Instruments LM5177DCPR Datasheet HTML 29Page - Texas Instruments LM5177DCPR Datasheet HTML 30Page - Texas Instruments LM5177DCPR Datasheet HTML 31Page - Texas Instruments LM5177DCPR Datasheet HTML 32Page - Texas Instruments LM5177DCPR Datasheet HTML 33Page - Texas Instruments LM5177DCPR Datasheet HTML 34Page - Texas Instruments LM5177DCPR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
As this threshold is referenced to the V(REF) the OVP1 continues its operation even if of tracking features has
changed the Vo target value.
The converter maintains in regulation even the OVP1 threshold triggers.
The OVP1 is disabled during PSM to avoid additional leakage current. The OVP signal gets masked to avoid
that a fault is indicated from this signal during the PSM operation.
This protection is disabled during the soft-start procedure.
Output Over Voltage protection 2 (OVP2)
This feature shall avoid any damage to the device in case the external feedback pin is not working properly i.e. is
shorted to GND
If the output voltage threshold VT+(OVP2) is reached on the VOUT-pin the buck-boost core logic disables the
converter power stage and enters a high impedance state at the switch nodes. If the output voltage falls back
under this threshold the convert operation is resumed.
Input Voltage Protection (IVP)
The input over voltage protection is part of the converter core modulation scheme. The IVP avoids any damage
to the device in case the current flows from the output to the input and the input source can not sink current e.g.
there is a diode in the supply path. If the converter forced PWM mode is active the current can go negative until
the sink current limit. Once the input voltage threshold VT+(IVP) is reach on the VIN-pin the protection disables
the forced PWM mode and only allows current to flow from VIN to VOUT. After the input voltage drops under the
input voltage protection threshold, the fPWM mode activates again.
Power Good
The device features a power good detection. The FB pin voltages gets contentiously monitors. If the sensed
voltage drops below the PG falling threshold the signal is pulling low the nFLT pin.
This protection is disabled during the soft-start procedure.
Boot-strap Under Voltage Protection
The high side supply voltage for the gate driver are monitored by an UVLO comparator (BST_UV). This
comparator monitors the differential voltage between SWx pin and HBx pin. If the measured voltage drops
below VTH-(BST_UV) the converter stops operation
Boot-strap Over Voltage Clamp
To protect the internal gate driver circuit the external FET gates and the internal circuit features an over voltage
clamp. If the voltage goes above VTH(BST_OV) the linear regulator sinks a current from HBx pin to SWx-pin as
long as the voltage is above the threshold.
7.3.16 Device Configuration Pin
The resistor selection on the CFG pin is read and latched during the power-up sequence of the device. The
selection cannot be changed until the voltage on the EN or UVLO reaches the falling threshold or VCC voltage
drops below the VCCT-(UVLO) threshold. Table 7-1 shows the possible device configurations versus the different
resistor values on the CFG pin.
www.ti.com
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com