Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 113 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 113 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 109Page - Texas Instruments DAC39RFS10 Datasheet HTML 110Page - Texas Instruments DAC39RFS10 Datasheet HTML 111Page - Texas Instruments DAC39RFS10 Datasheet HTML 112Page - Texas Instruments DAC39RFS10 Datasheet HTML 113Page - Texas Instruments DAC39RFS10 Datasheet HTML 114Page - Texas Instruments DAC39RFS10 Datasheet HTML 115Page - Texas Instruments DAC39RFS10 Datasheet HTML 116Page - Texas Instruments DAC39RFS10 Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 175 page
background image
Table 7-94. DUC_L Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R/W
0h
3-0
DUC_L
R/W
0h
DUC Interpolation Factor
0: 1x
1: 2x
2: 3x
3: 4x
4: 6x
5: 8x
6: 12x
7: 16x
8: 24x
9: 32x
10: 48x
11: 64x
12: 96x
13: 128x
14: 192x
15: 256x
Note: This register should only be changed when JESD_EN=0 and
DP_EN=0.
7.5.3.60 DUC_GAIN Register (Offset = 02E2h) [reset = 00h]
DUC_GAIN is shown in Figure 7-122 and described in Table 7-95.
Return to the Register Summary Table.
Figure 7-122. DUC_GAIN Register
7
6
5
4
3
2
1
0
DUC_GAIN3
DUC_GAIN2
DUC_GAIN1
DUC_GAIN0
R/W-00b
R/W-00b
R/W-00b
R/W-00b
Table 7-95. DUC_GAIN Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
DUC_GAIN3
R/W
00b
DUC_GAINn adjusts the gain of DUCn (in the channel bonder)
0: 0dB
1: -6dB
2: -12dB
3: RESERVED
Note: When the DUCs are configured for complex output
(DUC_FORMAT=1), DUC2 and DUC3 cannot be used. In that case,
DUC_GAIN2 and DUC_GAIN3 adjust the gain of the imaginary
outputs of DUC0 and DUC1 respectively.
Note: This register should only be changed when DP_EN=0.
5-4
DUC_GAIN2
R/W
00b
3-2
DUC_GAIN1
R/W
00b
1-0
DUC_GAIN0
R/W
00b
7.5.3.61 DUC_FORMAT Register (Offset = 02E3h) [reset = 00h]
DUC_FORMAT is shown in Figure 7-123 and described in Table 7-96.
Return to the Register Summary Table.
www.ti.com
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
113
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com