Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 116 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 116 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 112Page - Texas Instruments DAC39RFS10 Datasheet HTML 113Page - Texas Instruments DAC39RFS10 Datasheet HTML 114Page - Texas Instruments DAC39RFS10 Datasheet HTML 115Page - Texas Instruments DAC39RFS10 Datasheet HTML 116Page - Texas Instruments DAC39RFS10 Datasheet HTML 117Page - Texas Instruments DAC39RFS10 Datasheet HTML 118Page - Texas Instruments DAC39RFS10 Datasheet HTML 119Page - Texas Instruments DAC39RFS10 Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 175 page
background image
Table 7-98. MXMODE Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2-0
MXMODE0
R/W
0b
Specify the DAC pulse format for DACA.
0: Normal mode (non-return-to-zero or NRZ) (sinc nulls at n*FS)
1: RF Mode (return to inverse or RTI) (sinc nulls at DC and 2n*FS)
2: Return-to-Zero (RTZ) (sinc nulls at 2n*FS)
3: DES2X – Samples provided by the DES interpolator (low-pass
mode)
4: DES2XH – Samples provided by the DES interpolator (high-pass
mode)
6: Disabled – DACA is disabled
7: RESERVED
7.5.3.64 TRUNC_HLSB Register (Offset = 02EAh) [reset = 00h]
TRUNC_HLSB is shown in Figure 7-126 and described in Table 7-99.
Return to the Register Summary Table.
Truncation Half LSB Offset
Figure 7-126. TRUNC_HLSB Register
7
6
5
4
3
2
1
0
RESERVED
TRUNC_HLSB
R/W-00h
R/W-0b
Table 7-99. TRUNC_HLSB Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
R/W
0h
0
TRUNC_HLSB
R/W
0b
adds ½ LSB offset for < 16-bit resolution modes or devices. For a
mode or device with < 16-bit output resolution, setting this bit adds a
1/2 LSB offset to reduce the average offset introduced by truncation.
Note: This register should only be changed when DP_EN=0
7.5.3.65 TX_EN_SEL Register (Offset = 02F8h) [reset = 03h]
TX_EN_SEL is shown in Figure 7-127 and described in Table 7-100.
Return to the Register Summary Table.
Transmitter Enable Control Selection.
Figure 7-127. TX_EN_SEL Register
7
6
5
4
3
2
1
0
RESERVED
QUIET_TX_DIS
ABLE
FAST_TX_EN
USE_TX_EN1
USE_TX_EN0
R/W-0h
R/W-0b
R/W-0b
R/W-1b
R/W-1b
Table 7-100. TX_EN_SEL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R/W
0h
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
www.ti.com
116
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com