Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN8724 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # FN8724
Description  High Efficiency Single Inductor Positive/Negative Power Supply
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8724 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button FN8724 Datasheet HTML 25Page - Renesas Technology Corp FN8724 Datasheet HTML 26Page - Renesas Technology Corp FN8724 Datasheet HTML 27Page - Renesas Technology Corp FN8724 Datasheet HTML 28Page - Renesas Technology Corp FN8724 Datasheet HTML 29Page - Renesas Technology Corp FN8724 Datasheet HTML 30Page - Renesas Technology Corp FN8724 Datasheet HTML 31Page - Renesas Technology Corp FN8724 Datasheet HTML 32Page - Renesas Technology Corp FN8724 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
ISL98608IIH
FN8724 Rev.2.01
Page 29 of 33
Dec 7, 2021
EXAMPLE FOR VBST REGULATOR
Consider the following parameters in the steady state VLED
boost regulator operating in CCM mode.
VIN =2.5V
VO =5.3V
IO = 0.100A
fSW =1.45MHz
Efficiency = 80%
L = 2.2µH
Substituting previous parameters in Equation 9 gives us:
IPk =0.472A
The VBST regulator can be configured to either use a fixed peak
current or to automatically select the optimal peak current
setting. The automatic mode is designed to dynamically adjust
the peak current to maintain boost output voltage ripple at a
relatively fixed value across input voltage, while improving
efficiency at low input voltages.
In order to avoid the inductor core saturation, the saturation
current of the inductor selected should be higher than the greater
of the peak inductor current (for CCM) and the peak current in
PFM mode and current limit of the regulators. It is recommended
to use an inductor that has saturation current rating higher than
current limit of the boost regulator.
Auto PFM mode provides maximum efficiency using 2.2µH for
the VBST regulator. L = 2.2µH is the optimal value for the VBST
regulator.
Table 3 shows the recommended inductors for the VBST boost
regulator.
Output Capacitor
The output capacitor supplies current to the load during transient
conditions and reduces the ripple voltage at the output. Output
ripple voltage consists of two components:
1. The voltage drop due to the inductor ripple current flowing
through the ESR of the output capacitor.
2. Charging and discharging of the output capacitor.
For low ESR ceramic capacitors, the output ripple is dominated
by the charging and discharging of the output capacitor. The
voltage rating of the output capacitor should be greater than the
maximum output voltage.
The effective capacitance at the nominal output voltage should
be ≥2.2µF for VBST and VP regulators, and ≥4.4µF for VN. It is
recommended to use a 10µF X5R 10V or equivalent ceramic
output capacitor for both VBST and VP outputs to provide a
minimum of 2.2µF effective capacitance. For the VN output, it is
recommended to use one or two 10µF X5R 10V or equivalent
ceramic output capacitors. Using two VN output capacitors
results in <50mV peak-to-peak output voltage ripple with input
voltages from 2.5V to 5V.
Table 4 shows the recommended capacitors for various
regulators in ISL98608IIH.
Note, capacitors have a voltage coefficient. The effective
capacitance will reduce (derate) as the operating voltage/bias
increases. Always refer to the manufacturer's derating
information to determine effective capacitance for the operating
conditions.
General Layout Guidelines
When designing the printed circuit board (PCB) layout for the
ISL98608IIH, it is very important to understand the power
requirements of the system. Some general best practices should
be adhered to in order to create an optimal PCB layout:
1. Careful consideration should be taken with any traces
carrying AC signals. AC current loops should be kept as short
and tight as possible. The current loop generates a magnetic
field, which can couple to another conductor, inducing
unwanted voltage. Components should be placed such that
current flows through them in a straight line as much as
possible. This will help reduce size of loops and reduce the
EMI from the PCB.
2. If trace lengths are long, the resistance of the trace increases
and can cause some reduction in IC efficiency and can also
cause system instability. Traces carrying power should be
made wide and short.
3. In discontinuous conduction mode, the direction of the
current is interrupted every few cycles. This may result in large
di/dt (transient load current). When injected in the ground
plane the current may cause voltage drops, which can
interfere with sensitive circuitry. The analog ground and
power ground of the IC should be connected very close to the
IC to mitigate this issue.
4. One plane/layer in the PCB is recommended to be a
dedicated ground plane. A large area of metal will have lower
resistance, which reduces the return current impedance.
TABLE 3. RECOMMENDED INDUCTORS FOR VBST REGULATOR
INDUCTOR PART
NUMBER
INDUCTANCE
(µH)
DCR
(mΩ)
ISAT
(A)
FOOTPRINT
SIZE
VLF302510MT-2R2M
(TDK)
2.2
70
1.23
3025
DFE252012C
(Toko)
2.2
90
2.00
2520
TFM201610G-2R2M
(TDK)
2.2
150
1.20
2016
TABLE 4. RECOMMENDED OUTPUT CAPACITORS
CAPACITOR PART
NUMBER
VALUE
(µF)
SIZE
QUANTITY
GRM155R61A106ME11
(Murata)
10
0402
x5: CIN, CVBST, CVP,
CVN, CCP
x1: CVN (x2 for
minimum ripple)
GRM188R61C475KAAJ
(Murata)
4.7
0603
x5: CIN, CVBST, CVP,
CVN, CCP
x1: CVN (x2 for
minimum ripple)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com