Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN8724 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # FN8724
Description  High Efficiency Single Inductor Positive/Negative Power Supply
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8724 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button FN8724 Datasheet HTML 21Page - Renesas Technology Corp FN8724 Datasheet HTML 22Page - Renesas Technology Corp FN8724 Datasheet HTML 23Page - Renesas Technology Corp FN8724 Datasheet HTML 24Page - Renesas Technology Corp FN8724 Datasheet HTML 25Page - Renesas Technology Corp FN8724 Datasheet HTML 26Page - Renesas Technology Corp FN8724 Datasheet HTML 27Page - Renesas Technology Corp FN8724 Datasheet HTML 28Page - Renesas Technology Corp FN8724 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
ISL98608IIH
FN8724 Rev.2.01
Page 25 of 33
Dec 7, 2021
FIGURE 52. POWER-ON SEQUENCE – ACTIVATED BY TWO GPIOs FOR
ENN AND ENP, REGISTER 0x04 <b4>=0 AND
0x05 <b7>= 0
FIGURE 53. POWER-OFF SEQUENCE - ACTIVATED BY TWO GPIOs ENN
AND ENP, REGISTER 0x05 <b4>= 0
FIGURE 54. POWER-OFF SEQUENCE - ACTIVATED BY TWO GPIOs ENN
AND ENP, REGISTER 0x05 <b4>= 1
FIGURE 55. POWER-OFF SEQUENCE - ACTIVATED BY VIN FALLING
BELOW UVLO
VIN
UVLO
VBST
0.47ms
VN
1.2ms
1.8ms
2ms
VBST
POWER-GOOD
ENP
ENN
VIN
UVLO
VBST
ENN/ENP
VBST
POWER-GOOD
VP
VN
2ms
NO DISCHARGE RESISTOR ON VBST
PULL TO GND (35
TYP)
PULL TO GND (80
TYP)
VIN
UVLO
VBST
ENN/ENP
VBST
POWER-GOOD
VP
VN
NO DISCHARGE RESISTOR ON VBST
PULL TO GND (80 TYP)
PULL TO GND (35 TYP)
VIN
UVLO
VBST
VBST
POWER-GOOD
VP
VN
ENP
ENN
NO DISCHARGE RESISTOR ON VBST
PULL TO GND (80
TYP)
PULL TO GND (35
TYP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com