Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN8724 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # FN8724
Description  High Efficiency Single Inductor Positive/Negative Power Supply
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8724 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button FN8724 Datasheet HTML 26Page - Renesas Technology Corp FN8724 Datasheet HTML 27Page - Renesas Technology Corp FN8724 Datasheet HTML 28Page - Renesas Technology Corp FN8724 Datasheet HTML 29Page - Renesas Technology Corp FN8724 Datasheet HTML 30Page - Renesas Technology Corp FN8724 Datasheet HTML 31Page - Renesas Technology Corp FN8724 Datasheet HTML 32Page - Renesas Technology Corp FN8724 Datasheet HTML 33Page - Renesas Technology Corp FN8724 Datasheet HTML 34Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
ISL98608IIH
FN8724 Rev.2.01
Page 30 of 33
Dec 7, 2021
More ground plane area minimizes parasitics and avoids
corruption of the ground reference.
5. Low frequency digital signals should be isolated from any
high frequency signals generated by switching frequency and
harmonics. PCB traces should not cross each other. If they
must cross due to the layout restriction, then they must cross
perpendicularly to reduce the magnetic field interaction.
6. The amount of copper that should be poured (thickness)
depends upon the power requirement of the system.
Insufficient copper will increase resistance of the PCB, which
will increase heat dissipation.
7. Generally, vias should not be used to route high current paths.
8. While designing the layout of switched controllers, do not use
the auto routing function of the PCB layout software. Auto
routing connects the nets with the same electrical name and
does not account for ideal trace lengths and positioning.
ISL98608IIH Specific Layout Guidelines
1. The input capacitor should be connected to the VIN pin (C1)
with the smallest trace possible. This helps reject high
frequency disturbances and promotes good regulation of the
VBST, VP and VN regulators.
2. The inductor for VBST regulator should be connected between
VIN and LXP pin with a short and wide trace to reduce the
board parasitics. Careful consideration should be made in
selecting the inductor as it may cause electromagnetic
interference, which could affect IC functionality. A shielded
inductor is recommended.
3. Bump VBSTCP is input to the charge pump regulator. This pin
must be connected to VBST on the PCB, so that the boost
regulator provides the input voltage supply for the charge
pump. The CSP bumps for VBST and VBSTCP are A3 and A4
respectively. These two bumps should be connected/shorted
to each other on the PCB with a short and thick trace to avoid
parasitic inductance and resistance. A 10μF/10V capacitor
should be used on trace connecting bump A3 and A4 to
PGND. The distance of the capacitor from the bump A3 and
A4 is critical - it should be placed very close to the IC with a
short and thick trace.
4. The current return path for VBST boost regulator should be
small as possible. The bump A1 is PGND. It is power ground
for VBST regulator. A 10μF/10V capacitor should be placed
between VBST and PGND.
5. Bump D3 is output of the negative charge pump (VN) and
bump D2 is its substrate connection (VSUB). It is highly
recommended that D3 and D2 are shorted together with a
short and thick trace. It is recommended that 2x10μF/10V
capacitors are placed on VN to minimize output ripple.
Additionally, it will help minimize noise that may be coupled
from the high frequency ripple of the charge pump.
6. Bumps B3 is output of the VP regulator. A 10μF/10V
capacitor should be placed between VP and power ground.
7. Bump B4 is charge pump positive connection and bump D4 is
charge pump negative connection. A 10μF/10V capacitor
should be placed between bump B4 and D4. The capacitor
between bump B4 and D4 charges and discharges every cycle
and handles high current surges. The capacitor should be
placed between CP and CN using short and thick trace.
8. Digital input pins ENN, ENP, SDA and SCL should be isolated
from the high di/dt and dv/dt signals. Otherwise, it may cause
a glitch on those inputs.
9. I2C signals, if not used, should be tied to VIN.
10. Analog ground (AGND) and power ground (PGND) of the IC
should be connected to each other. It is crucial to connect
these two grounds at the location very close to the IC. The
regulator should be referenced to the correct ground plane
with the short and thick traces. For example, PGND is the
power ground for VBST regulator, a capacitor should be
placed between VBST and PGND with short and thick trace.
All the ground bumps namely PGND, AGND and PGNDCP
should be connected with a network of ground plane.
11. One plane/layer in the PCB is recommended to be a
dedicated ground plane.
12. The solder pad on the PCB should not be larger than the
solder mask opening for the ball pad on the package. The
optimal solder joint strength, it is recommended a 1:1 ratio
for the two pads.
Figure 64 on page 31 shows the recommended PCB layout for a
typical ISL98608IIH application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com