Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN8724 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # FN8724
Description  High Efficiency Single Inductor Positive/Negative Power Supply
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8724 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button FN8724 Datasheet HTML 14Page - Renesas Technology Corp FN8724 Datasheet HTML 15Page - Renesas Technology Corp FN8724 Datasheet HTML 16Page - Renesas Technology Corp FN8724 Datasheet HTML 17Page - Renesas Technology Corp FN8724 Datasheet HTML 18Page - Renesas Technology Corp FN8724 Datasheet HTML 19Page - Renesas Technology Corp FN8724 Datasheet HTML 20Page - Renesas Technology Corp FN8724 Datasheet HTML 21Page - Renesas Technology Corp FN8724 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
ISL98608IIH
FN8724 Rev.2.01
Page 18 of 33
Dec 7, 2021
ACKNOWLEDGE (ACK)
Each 8-bit data transfer is followed by an Acknowledge (ACK) bit
from the receiver. The Acknowledge bit signifies that the previous
8 bits of data was transferred successfully (master to slave or
slave to master).
When the Master sends data to the Slave (e.g., during a WRITE
transaction), after the 8th bit of a data byte is transmitted, the
Master tri-states the SDA line during the 9th clock. The Slave
device acknowledges that it received all 8 bits by pulling down
the SDA line, generating an ACK bit.
When the Master receives data from the Slave (e.g., during a data
READ transaction), after the 8th bit is transmitted, the Slave
tri-states the SDA line during the 9th clock. The Master
acknowledges that it received all 8 bits by pulling down the SDA
line, generating an ACK bit.
NOT ACKNOWLEDGE (NACK)
A Not Acknowledge (NACK) is generated when the receiver does
not pull-down the SDA line during the acknowledge clock (i.e.,
SDA line remains HIGH during the 9th clock). This indicates to the
Master that it can generate a STOP condition to end the
transaction and free the bus.
A NACK can be generated for various reasons, for example:
•After an I2C device address is transmitted, there is NO receiver
with that address on the bus to respond.
• The receiver is busy performing an internal operation (e.g.,
reset, recall, etc) and cannot respond.
• The Master (acting as a receiver) needs to indicate the end of a
transfer with the Slave (acting as a transmitter).
DEVICE ADDRESS AND R/W BIT
Data transfers follow the format shown in Figures 46 and 47 on
page 19. After a valid START condition, the first byte sent in a
transaction contains the 7-bit Device (Slave) Address plus a
direction (R/W) bit. The Device Address identifies which device
(of up to 127 devices on the I2C bus) the Master wishes to
communicate with.
After a START condition, the ISL98608IIH monitors the first 8 bits
(Device Address Byte) and checks for its 7-bit Device Address in
the MSBs. If it recognizes the correct Device Address, it will ACK
and becomes ready for further communication. If it does not see
its Device Address, it will sit idle until another START condition is
issued on the bus.
To access the ISL98608IIH, the 7-bit Device Address is 0x29
(0101001x), located in MSB bits <b7:b1>. The eighth bit of the
Device Address byte (LSB bit <b0>) indicates the direction of
transfer, READ or WRITE (R/W). A “0” indicates a WRITE
operation - the Master will transmit data to the ISL98608IIH
(receiver). A “1” indicates a Read operation - the Master will
receive data from the ISL98608IIH (transmitter) (see Figure 45).
Write Operation
A WRITE sequence requires an I2C START condition, followed by
a valid Device Address Byte with the R/W bit set to ‘0’, a valid
Register Address Byte, a Data Byte and a STOP condition. After
each valid byte is sent, the ISL98608IIH (slave) responds with an
ACK. When the Write transaction is completed, the Master should
generate a STOP condition. For sent data to be latched by the
ISL98608IIH, the STOP condition should occur after a full byte (8
bits) is sent and ACK. If a STOP is generated in the middle of a
byte transaction, the data will be ignored. See Figure 46 on
page 19 for the ISL98608IIH I2C Write protocol.
Read Operation
A READ sequence requires the Master to first write to the
ISL98608IIH to indicate the Register Address/pointer to read
from. First, Send a START condition, followed by a valid Device
Address Byte with the R/W set to ‘0’ and then a valid Register
Address Byte. Then the Master generates either a Repeat START
condition or a STOP condition followed by a new START condition
and a valid Device Address Byte with the R/W bit set to ‘1’. Then
the ISL98608IIH is ready to send data to the Master from the
requested Register Address.
The ISL98608IIH sends out the Data Byte by asserting control of
the SDA pin while the Master generates clock pulses on the SCL
pin. When transmission of the desired data is complete, the
Master generates a NACK condition followed by a STOP condition
and this completes the I2C Read sequence. See Figure 47 on
page 19 for the ISL98608IIH I2C Read protocol.
FIGURE 45. DEVICE ADDRESS BYTE FORMAT
1
0
1
0
R/W
1
0
0
READ = 1
WRITE = 0
DEVICE ADDRESS = 0X29
B7
B6
B5
B4
B3
B2
B1
B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com