Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN8724 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # FN8724
Description  High Efficiency Single Inductor Positive/Negative Power Supply
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8724 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button FN8724 Datasheet HTML 4Page - Renesas Technology Corp FN8724 Datasheet HTML 5Page - Renesas Technology Corp FN8724 Datasheet HTML 6Page - Renesas Technology Corp FN8724 Datasheet HTML 7Page - Renesas Technology Corp FN8724 Datasheet HTML 8Page - Renesas Technology Corp FN8724 Datasheet HTML 9Page - Renesas Technology Corp FN8724 Datasheet HTML 10Page - Renesas Technology Corp FN8724 Datasheet HTML 11Page - Renesas Technology Corp FN8724 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
ISL98608IIH
FN8724 Rev.2.01
Page 8 of 33
Dec 7, 2021
Typical Performance Curves T
A = +25°C, VIN = 3.7V, L1 = 1239AS-H-2R2M (2.5mmx2mm), CVBST = 10µF/0402,
CVP = 10µF/0402, CVN = 2 x 10µF/0402, CCP = 10µF/0402 unless otherwise noted.
FIGURE 4. DISPLAY POWER SYSTEM EFFICIENCY, VP/VN = ±5V
FIGURE 5. VP OUTPUT VOLTAGE RANGE
FIGURE 6. VN OUTPUT VOLTAGE RANGE
FIGURE 7. VBST LOAD TRANSIENT, VBST = 5.15V
FIGURE 8. VBST, VIN HEADROOM TRACKING, VBST = 5.4V
FIGURE 9. VBST RIPPLE, 10mA LOAD, VBST = 5.4, VIN = 3V
LOAD (A)
70
72
74
76
78
80
82
84
86
88
90
0
0.04
0.08
0.12
0.16
0.2
VIN = 4.35V
VIN = 3.7V
VIN = 3V
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
6.6
6.8
7.0
7.2
0
102030405060
REGISTER 0x09(dec)
5V
3.7V
2.5V
REGISTER 0x08 (dec)
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
6.6
6.8
7.0
7.2
0
1020
30
405060
3.7V
2.5V
5V
40µs/DIV
VBST OUTPUT CURRENT
CH2 = 200mV/DIV (AC), CH4 = 50mA/DIV
VBST
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
6.1
2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4
VIN (V)
VBST
LX
INDUCTOR CURRENT
CH2 = 50mV/DIV (AC), CH3 = 2V/DIV
CH4 = 200mA/DIV
2µs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com