Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN8724 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # FN8724
Description  High Efficiency Single Inductor Positive/Negative Power Supply
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8724 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button FN8724 Datasheet HTML 13Page - Renesas Technology Corp FN8724 Datasheet HTML 14Page - Renesas Technology Corp FN8724 Datasheet HTML 15Page - Renesas Technology Corp FN8724 Datasheet HTML 16Page - Renesas Technology Corp FN8724 Datasheet HTML 17Page - Renesas Technology Corp FN8724 Datasheet HTML 18Page - Renesas Technology Corp FN8724 Datasheet HTML 19Page - Renesas Technology Corp FN8724 Datasheet HTML 20Page - Renesas Technology Corp FN8724 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
ISL98608IIH
FN8724 Rev.2.01
Page 17 of 33
Dec 7, 2021
I2C Digital Interface
The ISL98608IIH uses a standard I2C interface bus for
communication. The two-wire interface links a Master(s) and
uniquely addressable Slave devices. The Master generates clock
signals and is responsible for initiating data transfers. The serial
clock is on the SCL line and the serial data (bidirectional) is on
the SDA line. The ISL98608IIH supports clock rates up to 400kHz
(Fast mode) and is backwards compatible with standard 100kHz
clock rates (Standard mode).
The SDA and SCL lines must be HIGH when the bus is free - not in
use. An external pull-up resistor (typically 2.2kΩ
to 4.7kΩ) or
current source is required for SDA and SCL.
The ISL98608IIH meets standard I2C timing specifications, see
Figure 44 and Table 2, which show the standard timing
definitions and specifications for I2C communication.
START AND STOP CONDITION
All I2C communication begins with a START condition (indicating
the beginning of a transaction) and ends with a STOP condition
(signaling the end of the transaction).
A START condition is signified by a HIGH to LOW transition on the
serial data line (SDA) while the serial clock line (SCL) is HIGH. A
STOP condition is signified by a LOW to HIGH transition on the
SDA line while SCL is HIGH. See timing specifications in Table 2.
The Master always initiates START and STOP conditions. After a
START condition, the bus is considered “busy.” After a STOP
condition, the bus is considered “free.” The ISL98608IIH also
supports repeated STARTs, where the bus will remain busy for
continued transaction(s).
DATA VALIDITY
The data on the SDA line must be stable (clearly defined as HIGH
or LOW) during the HIGH period of the clock signal. The state of
the SDA line can only change when the SCL line is LOW (except to
create a START or STOP condition). See timing specifications in
Table 2.
The voltage levels used to indicate a logical ‘0’ (LOW) and logical
‘1’ (HIGH) are determined by the VIL and VIH thresholds,
respectively, see the “Electrical Specifications” table on page 7.
BYTE FORMAT
Every byte transferred on SDA must be 8 bits in length. After
every byte of data sent by the transmitter there must be an
Acknowledge bit (from the receiver) to signify that the previous
8 bits were transferred successfully. Data is always transferred
on SDA with the Most Significant Bit (MSB) first. See
“Acknowledge (ACK)” on page 18.
FIGURE 44. I2C TIMING DEFINITIONS
tSU:STA
START
tHD:STA
tr
tf
tSU:DAT
tHD:DAT
STOP
START
tBUF
tSU:STO
VIH
VIL
VIH
VIL
SDA
SCL
tr
tf
TABLE 2. I2C TIMING CHARACTERISTICS
PARAMETER
SYMBOL
FAST-MODE
STANDARD-MODE
UNIT
MIN
MAX
MIN
MAX
SCL Clock Frequency
fSCL
0
400
0
100
kHz
Set-Up Time for a START Condition
tSU:STA
0.6
-
4.7
-
µs
Hold Time for a START Condition
tHD:STA
0.6
-
4.0
-
µs
Set-Up Time for a STOP Condition
tSU:STO
0.6
-
4.0
-
µs
Bus Free Time between a STOP and START Condition
tBUF
1.3
-
4.7
-
µs
Data Set-Up Time
tSU:DAT
100
-
250
-
ns
Data Hold Time
tHD:DAT
0-
0
-
µs
Rise Time of SDA and SCL (Note 10)tr
20 + 0.1Cb
300
-
1000
ns
Fall Time of SDA and SCL (Note 10)tf
20 + 0.1Cb
300
-
300
ns
Capacitive Load on Each Bus Line (SDA/SCL)
Cb
-
400
-
400
pF
NOTE:
10. Cb = Total capacitance of one bus line in pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com