Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN8724 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # FN8724
Description  High Efficiency Single Inductor Positive/Negative Power Supply
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8724 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button FN8724 Datasheet HTML 8Page - Renesas Technology Corp FN8724 Datasheet HTML 9Page - Renesas Technology Corp FN8724 Datasheet HTML 10Page - Renesas Technology Corp FN8724 Datasheet HTML 11Page - Renesas Technology Corp FN8724 Datasheet HTML 12Page - Renesas Technology Corp FN8724 Datasheet HTML 13Page - Renesas Technology Corp FN8724 Datasheet HTML 14Page - Renesas Technology Corp FN8724 Datasheet HTML 15Page - Renesas Technology Corp FN8724 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
ISL98608IIH
FN8724 Rev.2.01
Page 12 of 33
Dec 7, 2021
FIGURE 28. VP/VN (±5V) OUTPUT VOLTAGE RIPPLE, 100mA LOAD,
VIN = 5V
FIGURE 29. VP/VN (±7V) OUTPUT VOLTAGE RIPPLE, 100mA LOAD
FIGURE 30. VP AND VN LOAD TRANSIENT, VP/VN = ±5V, VIN = 3.7V
FIGURE 31. VP AND VN LOAD TRANSIENT, VP/VN = ±5V, VIN = 4.35V
FIGURE 32. VP AND VN (±5V) SOFT-START AT 2.5V INPUT VOLTAGE,
VP/VN SEQUENCED (Reg 0x04 <b4> = 0)
FIGURE 33. VP AND VN (±5V) SOFT-START AT 3.7V INPUT VOLTAGE,
VP/VN SEQUENCED (Reg 0x04 <b4> = 0)
Typical Performance Curves T
A = +25°C, VIN = 3.7V, L1 = 1239AS-H-2R2M (2.5mmx2mm), CVBST = 10µF/0402,
CVP = 10µF/0402, CVN = 2 x 10µF/0402, CCP = 10µF/0402 unless otherwise noted. (Continued)
VP
VN
20µs/DIV
CH1 = 20mV/DIV (AC), CH3 = 50mV/DIV (AC)
VP
VN
1µs/DIV
CH1 = 20mV/DIV (AC), CH3 = 50mV/DIV (AC)
VP
VN
OUTPUT CURRENT BETWEEN VP AND VN
80µs/DIV
CH1 = 50mV/DIV (AC)
CH4 = 100mA/DIV
CH3 = 100mV/DIV (AC)
VP
OUTPUT CURRENT BETWEEN VP AND VN
80µs/DIV
CH1 = 50mV/DIV (AC)
CH4 = 100mA/DIV
CH3 = 100mV/DIV (AC)
VN
VN
VP
INDUCTOR CURRENT
1ms/DIV
CH2 = 2V/DIV, CH3 = 2V/DIV, CH4 = 500mA/DIV
VN
VP
INDUCTOR CURRENT
1ms/DIV
CH2 = 2V/DIV, CH3 = 2V/DIV, CH4 = 500mA/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com