Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN8724 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # FN8724
Description  High Efficiency Single Inductor Positive/Negative Power Supply
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8724 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button FN8724 Datasheet HTML 18Page - Renesas Technology Corp FN8724 Datasheet HTML 19Page - Renesas Technology Corp FN8724 Datasheet HTML 20Page - Renesas Technology Corp FN8724 Datasheet HTML 21Page - Renesas Technology Corp FN8724 Datasheet HTML 22Page - Renesas Technology Corp FN8724 Datasheet HTML 23Page - Renesas Technology Corp FN8724 Datasheet HTML 24Page - Renesas Technology Corp FN8724 Datasheet HTML 25Page - Renesas Technology Corp FN8724 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
ISL98608IIH
FN8724 Rev.2.01
Page 22 of 33
Dec 7, 2021
Display Power Supply Function
Description
Regulator Output Enable/Disable
The boost converter, VBST, will be enabled whenever either ENP
or ENN is HIGH and the VBST enable bit <b0> in the ENABLE
register is set to ‘1’. To disable the boost (and effectively VP and
VN), ENN and ENP must be LOW, or its enable bit set to ‘0’.
The negative charge pump, VN, is enabled whenever ENN is HIGH
and the VN enable bit <b1> in the ENABLE register is set to ‘1’. To
disable, ENN must be LOW, or its enable bit set to ‘0’.
The LDO, VP, is enabled whenever ENP is HIGH and the VP enable
Bit <b2> in the ENABLE register is set to ‘1’. To disable ENP must
be LOW, or its enable bit set to ‘0’.
All the ENABLE register bits <b2:b0> are set to ‘1’ by default.
Note, ENP and ENN are logic level inputs with HIGH/LOW
thresholds defined by the VIH/VIL specifications, respectively.
These inputs also have 1MΩ (typical) internal pull-down
resistance to ground. If the pins are left at high-impedance, they
will default to a LOW logic state. Refer to the “LOGIC/DIGITAL” on
page 7 of the “Electrical Specifications” table for more
information.
VP and VN Headroom Voltage and Output
Current
The VP and VN headroom voltage is defined as the difference
between the VBST target voltage and maximum of VP and |VN|
target voltages.
The headroom voltage must be set high enough so that both the
VP LDO and VN negative Charge Pump (CP) can maintain
regulation. The VBST voltage must be greater than the absolute
value of the VN regulation voltage (i.e., the headroom voltage has
to be >0V). Primarily, the minimum headroom voltage is a
function of the maximum application load current that the IC will
need to support. Fast output current peaks of only a few
microseconds should not be considered - those instantaneous
current peaks will be supported by the output capacitors and not
by the regulator. Equation 4 shows the minimum headroom
required depending upon the current.
Note the headroom voltage should not be set overly high, since
increasing headroom generally yields lower efficiency
performance due to increased conduction losses.
For very low duty cycle where the output voltage of the VBST is
very close to the input voltage, VBST starts to track the input
voltage with a fixed headroom of ~600mV. This feature avoids
the minimum duty cycle limitation from producing increased
ripple on VBST (which feeds through to VP/VN) and ensures
proper regulation of the VBST, VP and VN regulators.
For most applications, the ISL98608IIH default 400mV
headroom voltage setting provides optimal performance for DC
output current up to 200mA (maximum).
Negative Charge Pump Operation (VN)
The ISL98608IIH uses a negative charge pump with internal
switches to create the VN voltage rail. The charge pump input
voltage VBSTCP comes from the boost regulator output, VBST.
Regulation is achieved through a classic voltage mode
architecture where an internally compensated integrator output
is compared with the voltage ramp to set a duty cycle. The duty
cycle controls the amount of time the output capacitor is charged
during each switching cycle. The maximum duty cycle is 50%.
The charge pump output capacitor (placed on the VN pin) is
pumped through internal current source to minimize system
noise.
VN and VBST PFM
The ISL98608IIH features light-load Pulse Frequency Modulation
(PFM) mode for both the boost regulator and the charge pump, to
maximize efficiency at light loads.
The device always uses PWM mode at heavy loading, but will
automatically switch to PFM mode at light loads to optimize
efficiency. PFM capability is enabled using the respective PFM
mode enable/disable register bits.
VBST PFM
In PFM mode, the boost can be configured to either use a fixed
peak current or to automatically select the optimal peak current
setting. The automatic, or “Auto” mode, is designed to
dynamically adjust the peak current to maintain boost output
voltage ripple at relatively fixed levels across input voltage, while
improving efficiency at low input voltages. This patent pending
architecture adjusts the peak current to keep the sum of inductor
ramp-up and ramp-down times to a constant value of
approximately 1.3*TPWM. This scheme also gives more
consistent ripple part-to-part and keeps PWM/PFM hysteresis
defined in a smaller and more optimal band across operating
voltages. It is recommended to operate the part in this mode.
The VBST PFM mode features an ultrasonic Audio Band
Suppression (ABS) mode, which prevents the switching
frequency from falling below 30kHz to avoid audible noise. When
the time interval between two consecutive switching cycles in
PFM mode is more than 33ms (i.e., 30kHz frequency) the
regulator reduces the peak inductor current, to maintain the
frequency at 30kHz. If this is not sufficient, the regulator will add
low current reverse current cycles.
VN PFM
The charge pump PFM mode works by increasing the minimum
pump on-time, and thereby the charge delivered per cycle, when
the load is low. This allows increased ripple to be traded off
against switching losses.
Headroom V
 Imax A
X2.7
(EQ. 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com