Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN8724 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # FN8724
Description  High Efficiency Single Inductor Positive/Negative Power Supply
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8724 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button FN8724 Datasheet HTML 3Page - Renesas Technology Corp FN8724 Datasheet HTML 4Page - Renesas Technology Corp FN8724 Datasheet HTML 5Page - Renesas Technology Corp FN8724 Datasheet HTML 6Page - Renesas Technology Corp FN8724 Datasheet HTML 7Page - Renesas Technology Corp FN8724 Datasheet HTML 8Page - Renesas Technology Corp FN8724 Datasheet HTML 9Page - Renesas Technology Corp FN8724 Datasheet HTML 10Page - Renesas Technology Corp FN8724 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
ISL98608IIH
FN8724 Rev.2.01
Page 7 of 33
Dec 7, 2021
VVNR
VN Output Voltage Programmable
Range
Programmable in 50mV steps
-7
-4.5
V
VACC_VN
VN Output Voltage Accuracy
VN = -5V, Register 0x08 = 0x00, Register 0x06 = 0x00,
-100mA < ILOAD_VN <0mA
-2
2
%
fSW_VN
Charge Pump Switching Frequency
CP Frequency = default, 50% duty cycle
1.3
1.45
1.6
MHz
IL_CP
Charge Pump Leakage Current
CP pin, CP = 6V, ENN = 0V
10
µA
RDCH_VN
VN Discharge Resistance
VN = -1V
35
Ω
tSS_VN
VN Soft-Start Time
CVN = 10µF (not derated), VN = -5V, Register
0x08 = 0x00, Register 0x05 b7 =0
1.96
2.39
ms
POSITIVE REGULATOR (VP)
VVP
VP Output Voltage
VP = 5V, Register 0x09 = 0x00, no load
5
V
VVPR
VP Output Voltage Programmable
Range
Programmable in 50mV steps
4.5
7
V
VACC_VP
VP Output Voltage Accuracy
VP = 5V, Register 0x09 = 0x00, Register 0x06 = 0x00,
0mA < ILOAD_VP < 100mA
-2
2
%
VDRP_VP
VP Dropout Voltage
ILOAD_VP = 100mA
100
mV
IL_VP
VP Leakage Current
VP pin, VP = 0V, ENP = 0V
2
µA
RDCH_VP
VP Discharge Resistance
VP = 1V
80
Ω
tSS_VP
VP Soft-Start
CVP = 10µF (not derated), VP = 5V, Register 0x05
b7 =0
1.23
1.53
ms
PROTECTION
TOFF
Thermal Shutdown Temperature
Die temperature (rising) when the device will
disable/shutdown all outputs until it cools by THYS°C
150
°C
THYS
Thermal Shutdown Hysteresis
Die temperature below TOFF°C when the device will
re-enable the outputs after shutdown
20
°C
VUVP_VBST VBST Undervoltage Limit
70% of VBST
V
VUVP_VP
VP Undervoltage Protection
Threshold
60% of VP
V
VUVP_VN
VN Undervoltage Protection
Threshold
60% of VN
V
VUVDELAY
Undervoltage Delay
Undervoltage delay for VBST, VN, VP
100
µs
LOGIC/DIGITAL
VIL
Logic Input Low Voltage
ENN, ENP, SCL, SDA
0.4
V
VIH
Logic Input High Voltage
ENN, ENP, SCL, SDA
1.1
V
fCLK
I2C SCL Clock Frequency
(Note 8)
400
kHz
td
Debounce Time
ENN, ENP
10
µs
REN
Internal Pull-Down Resistance
ENN, ENP
1
MΩ
NOTES:
7. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
8. For more detailed information regarding I2C timing characteristics refer to Table 2 on page 17.
9. Parameters established by bench testing and/or design. Not production tested.
Electrical Specifications VIN = 3.7V, unless otherwise noted. Typical specifications are characterized at TA = +25°C unless
otherwise noted. Boldface limits apply across the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 7)TYP
MAX
(Note 7)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com