Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN8724 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # FN8724
Description  High Efficiency Single Inductor Positive/Negative Power Supply
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8724 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button FN8724 Datasheet HTML 10Page - Renesas Technology Corp FN8724 Datasheet HTML 11Page - Renesas Technology Corp FN8724 Datasheet HTML 12Page - Renesas Technology Corp FN8724 Datasheet HTML 13Page - Renesas Technology Corp FN8724 Datasheet HTML 14Page - Renesas Technology Corp FN8724 Datasheet HTML 15Page - Renesas Technology Corp FN8724 Datasheet HTML 16Page - Renesas Technology Corp FN8724 Datasheet HTML 17Page - Renesas Technology Corp FN8724 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
ISL98608IIH
FN8724 Rev.2.01
Page 14 of 33
Dec 7, 2021
FIGURE 40. VN LOAD REGULATION, -5V
FIGURE 41. VP LOAD REGULATION, 5V
Typical Performance Curves T
A = +25°C, VIN = 3.7V, L1 = 1239AS-H-2R2M (2.5mmx2mm), CVBST = 10µF/0402,
CVP = 10µF/0402, CVN = 2 x 10µF/0402, CCP = 10µF/0402 unless otherwise noted. (Continued)
-5.10
-5.08
-5.06
-5.04
-5.02
-5.00
-4.98
-4.96
-4.94
-4.92
-4.90
0.01
0.05
0.09
0.13
0.17
0.21
LOAD (A)
VIN = 3.7V
VIN = 3V
VIN = 4.35V
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
0.21
0.19
0.17
0.15
0.13
0.11
0.09
0.07
0.05
0.03
0.01
LOAD (A)
VIN = 3.7V
VIN = 3V
VIN = 4.35V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com