Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN8724 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # FN8724
Description  High Efficiency Single Inductor Positive/Negative Power Supply
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8724 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button FN8724 Datasheet HTML 19Page - Renesas Technology Corp FN8724 Datasheet HTML 20Page - Renesas Technology Corp FN8724 Datasheet HTML 21Page - Renesas Technology Corp FN8724 Datasheet HTML 22Page - Renesas Technology Corp FN8724 Datasheet HTML 23Page - Renesas Technology Corp FN8724 Datasheet HTML 24Page - Renesas Technology Corp FN8724 Datasheet HTML 25Page - Renesas Technology Corp FN8724 Datasheet HTML 26Page - Renesas Technology Corp FN8724 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
ISL98608IIH
FN8724 Rev.2.01
Page 23 of 33
Dec 7, 2021
VP/VN Output Hi-Z Mode
The ISL98608IIH VP and VN regulator can be configured in a Hi-Z
mode to prevent any leakage current flowing between VP and VN.
Using I2C register 0x05 <b6> can be used to disable the
pull-down resistors on VP and VN giving a “Hi-Z” state of output.
Power-On/Off Sequence
The boost regulator used to generate VP/VN, VBST, is activated
when the VIN input voltage is higher than the UVLO threshold,
and either ENP or ENN is high, along with their respective I2C
enable bits. To enable the VBST, Reg 0x05 <b0> should be 1
(by default this bit is set to 1). The VP output is activated if ENP is
high, VBST has completed its soft-start and Reg 0x05 <b2> is 1
(by default this bit is set to 1). The VN charge pump is activated
2ms after VBST has completed soft-start and the ENN has been
pulled high, whichever comes later. To activate the VN regulator,
Reg 0x05 <b1> should also be 1 (by default this bit is set to 1).
Figure 48 shows the power-on sequence for the case when the
ENP and ENN all are tied together and VP/VN rail sequencing is
enabled in register 0x04 <b4> by writing “0” and VP soft-start
time is 1.2ms where as VN soft-start time is 1.8ms programmed
from register 0x05 <b7> by writing “1”. The VBST soft-starts if the
VIN voltage is higher than the UVLO threshold and either ENN or
ENP is high. When the VBST soft-start is completed, the VP
regulator soft-starts in 1.2ms. The VN power-on occurs 2ms after
VBST soft-start completes. The VN soft-start time takes 1.8ms.
The 2ms power-on delay between VP and VN can be disabled
from register 0x04 <b4> by writing “1”.
Figure 49 shows the power-on sequence for the case when the
ENP and ENN all are tied together and VP/VN rail sequencing is
enabled in register 0x04 <b4> by writing “0” and VP/VN soft-start
time is programmed to 0.7ms from register 0x05 <b7> by writing
“1”. The VBST soft-starts if the VIN voltage is higher than the
UVLO threshold and either ENN or ENP is high. When the VBST
soft-start is completed, the VP regulator soft-starts in 0.7ms. The
VN power-on occurs 2ms after VBST soft-start completes. The VN
soft-start time takes 0.7ms. The 2ms power-on delay between VP
and VN can be disabled from register 0x04 <b4> by writing “1”.
Figure 50 shows the power-on sequence for the case when the
ENP and ENN all are tied together and VP/VN rail sequencing is
disabled in register 0x04 <b4> by writing “1” and VP/VN soft-start
time is programmed to 1.2ms from register 0x05 <b7> by writing
“0”. The VBST soft-starts if the VIN voltage is higher than the
UVLO threshold and either ENN or ENP is high. When the VBST
soft-start is completed, the VP and VN regulator soft-starts in
1.2ms.
Figure 51 shows the power-on sequence for the case when the
ENP and ENN all are tied together and VP/VN rail sequencing is
disabled in register 0x04 <b4> by writing “1” and VP/VN soft-start
time is programmed to 0.7ms from register 0x05 <b7> by writing
“1”. The VBST soft-starts if the VIN voltage is higher than the
UVLO threshold and either ENN or ENP is high. When the VBST
soft-start is completed, the VP and VN regulator soft-starts in
0.7ms.
The VP/VN/VBST soft-start times quoted above (VBST = 0.47ms,
VP = 1.2ms and VN = 1.2ms or 1.8ms) are valid for the default
voltage levels (VSBT = 5.15V, VP = 5V and VN = -5V). These will
change with different voltages, as they are set to give a fixed
dv/dt.
Figure 52 shows the power-on sequence for the case when the
ENP and ENN are controlled by two GPIOs and VP/VN rail
sequencing is enabled from register 0x04 <b4> by writing "0".
Also, VP soft-start time is programmed to 1.2ms and VN
soft-start time is programmed to 1.8ms from register 0x05 <b7>
by writing "0".
ENP or ENN going low will shut down VP or VN, respectively. If
both ENP and ENN are pulled low, then VP, VN and VBST are all
turned off. The VN regulator shuts off when ENN is pulled low. VP
and VBST power-off occurs 2ms after the ENP signal goes low
(Register 0x05<b4> = 0), (see Figure 53). If Register 0x05<b4> = 1,
the VP and VN regulators will power off immediately when ENN
and ENP are pulled low (see Figure 54).
If VIN falls below UVLO while the IC is active, all active regulators
will be turned off at the same time (see Figure 55).
VP AND VN DISCHARGE RESISTOR
The integrated discharge resistors on the VP and VN outputs are
80Ω (typical) and 35Ω (typical), respectively. The VP discharge
resistor is enabled for 2ms (by default) following when ENN goes
low. If ENP is still high, the VP discharge resistor is disabled 2ms
after ENN goes low. The VP discharge resistor will be re-enabled
when ENP goes low. If the same output capacitor (value, size,
rating) is used for VN and VP, the VN rail will discharge faster
than VP if they are both turned off at the same time. This is ideal
for applications that require the VN rail to go down before VP at
power-off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com