Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN8724 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # FN8724
Description  High Efficiency Single Inductor Positive/Negative Power Supply
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8724 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button FN8724 Datasheet HTML 26Page - Renesas Technology Corp FN8724 Datasheet HTML 27Page - Renesas Technology Corp FN8724 Datasheet HTML 28Page - Renesas Technology Corp FN8724 Datasheet HTML 29Page - Renesas Technology Corp FN8724 Datasheet HTML 30Page - Renesas Technology Corp FN8724 Datasheet HTML 31Page - Renesas Technology Corp FN8724 Datasheet HTML 32Page - Renesas Technology Corp FN8724 Datasheet HTML 33Page - Renesas Technology Corp FN8724 Datasheet HTML 34Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
ISL98608IIH
FN8724 Rev.2.01
Page 33 of 33
Dec 7, 2021
Package Outline Drawing
For the most recent package outline drawing, see W4x4.16G.
W4x4.16G
16 BALL WLCSP WITH 0.4mm PITCH 4x4 ARRAY (1.740mm x 1.740mm)
Rev 1, 9/16
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
SIDE VIEW
1.740 ±0.030
1.740 ±0.030
X
Y
(4X)
0.10
PIN 1 (A1 CORNER)
BOTTOM VIEW
0.400
0.270
0.270
0.200
16X0.265 ±0.035
1
A
PACKAGE OUTLINE
0.215
0.265
0.400
SEATING PLANE
3
0.10
Z X Y
0.05
Z
0.265 ±0.035
0.05 Z
Z
0.200 ±0.030
0.50 ±0.050
B
C
D
23
4
4
5
NOTES:
11. All dimensions are in millimeters.
12. Dimensions and tolerances per ASMEY 14.5-1994.
13. Primary datum Z and seating plane are defined by the
spherical crowns of the bump.
14. Dimension is measured at the maximum bump diameter
parallel to primary datum Z.
15. Bump position designation per JESD 95-1, SPP-010.
16. NSMD refers to non-solder mask defined pad design per
techbrief, TB451.
6 NSMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com