Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN8724 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # FN8724
Description  High Efficiency Single Inductor Positive/Negative Power Supply
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8724 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button FN8724 Datasheet HTML 16Page - Renesas Technology Corp FN8724 Datasheet HTML 17Page - Renesas Technology Corp FN8724 Datasheet HTML 18Page - Renesas Technology Corp FN8724 Datasheet HTML 19Page - Renesas Technology Corp FN8724 Datasheet HTML 20Page - Renesas Technology Corp FN8724 Datasheet HTML 21Page - Renesas Technology Corp FN8724 Datasheet HTML 22Page - Renesas Technology Corp FN8724 Datasheet HTML 23Page - Renesas Technology Corp FN8724 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
ISL98608IIH
FN8724 Rev.2.01
Page 20 of 33
Dec 7, 2021
All fault bits can be cleared by cycling VIN or with a software
reboot (clearing register 0x04 bit<b7>). This will reset the entire
part to default settings and disable all outputs until they have
sequenced up again.
ENABLE
The “ENABLE” register (Register Address 0x05) can be used to
control the enable/disable state of the boost (VBST), positive
LDO (VP) and negative charge pump (VN). This can also be used
to sequence the regulators. Refer to “Enable Timing Control
Options for VP and VN Regulators” on page 26 for details
regarding the control of output regulators using the enable and
I2C control. Using this register the VP and VN pull-down resistor
can be enabled or disabled, soft-start time of VP and VN can be
adjusted and the timing of VP sequencing can be adjusted.
Bit<4> of ENABLE register controls the delay between the ENP
signal going low and the VP regulator power-off. If Bit<4> is set to
0, the VP regulator is disabled 2ms after ENP going low. If Bit<4>
is set to 1, the VP regulator is disabled as soon as ENP goes low.
Bit<5> of ENABLE register controls shutdown behavior of VBST,
VP and VN regulators after OTP or UV event. If Bit<5> is set to 1,
then VBST, VP and VN regulators are shut off after OTP or UV
event. To turn on the regulators, IC should be out of fault
condition and ENP and ENN signals are recycled. Regulators can
also be turned on by recycling the enable bit in the I2C register. If
Bit<5> is set to 0, then regulators will turn back on as soon as
fault condition is removed.
Bit<6> controls the VN and VP discharge resistor. If Bit<6> is
programmed to “0”, then it will enable the discharge resistor
where as “1” will disable the discharge resistor.
Bit<7> controls the soft-start time of VN and VP regulators. If
Bit<7> is set to “0”, then soft-start time of VN is 1.8ms and for VP
is 1.2ms whereas when set to “1”, soft-start time of both VP and
VN regulator is 0.7ms.
VBST/VN/VN VOLTAGE
The output voltages of VBST, VP and VN regulators can be
changed using the registers “VBST Voltage”, “VP Voltage” and
“VN Voltage,” respectively. VBST voltage is at Register Address
0x06, VN voltage is at Register Address 0x08 and VP voltage is at
Register Address 0x09. The output voltages of all regulators can
be changed from their default values using I2C.
• The VBST regulator can be programmed from +4.65V to +7.3V
• The VP regulator can be programmed from +4.5V to +7V
• The VN regulator can be programmed from -7V to -4.5V
• All are adjustable with 50mV step size.
Once the maximum VBST voltage (7.3V) is reached the algorithm
will wrap around to give VBST voltage from 4.65V to 5.1V.
Similarly, when maximum VP and VN voltage are reached (±7V),
the algorithm will wrap around to give VP/VN voltage from ±4.5V
to ±4.95V.
To determine the expected output voltage for a specific register
value, see the following section “Output Voltage Calculation for
VBST, VP and VN”.
NOTE: Output voltage registers should not be changed during their
respective soft-start sequence.
Output Voltage Calculation for VBST, VP and VN
The expected output voltage for each regulator can be
determined using Equations 1 through 3. Note, N is the 5-bit
register settings from 0x06, 0x08 and 0x09 in decimal.
The expected VBST voltage can be determined using Equation 1.
Once the maximum VBST voltage is reached, the algorithm will
wrap around to give VBST voltage from 4.65V to 5.1V.
The expected VP voltage can be determined using Equation 2.
Once the maximum VP voltage is reached, the algorithm will
wrap around to give VP voltage from 4.50V to 4.95V.
The expected VN voltage can be determined using Equation 3.
Once the minimum VN voltage is reached, the algorithm will
wrap around to give VN voltage from -4.50V to -4.95V.
Example Calculations:
If N = 10 (decimal) VBST(Default) = 5.15V, VP/VN(Default) = ±5V:
The default output voltage of VBST, VP, and VN regulators can be
determined by factory configurable settings. The output voltage
can be changed using I2C control when VIN > POR (Power-On
Reset) voltage. When powered up, Registers 0x06, 0x08, and
0x09 read value 0x00 and VBST, VN, VP voltage levels are at
respective default voltage. Using I2C control, the voltage can be
changed by changing the value of Registers 0x06, 0x08, and
0x09. As VIN < POR (Power-On Reset) voltage, Registers 0x06,
0x08, and 0x09 read 0x00.
VBST CONTROL
In addition to output voltage adjustments, key operation
parameters can be changed using I2C to optimize the
ISL98608IIH performance.
The “VBST CNTRL and VBST/VN Frequency” register (Register
Address 0x0D) can be used to control boost PFM mode, boost
FET slew rate and switching frequency of the boost and charge
pump.
VBST V

VBST Default
VN 50mV
+
=
(EQ. 1)
VP V

VP Default

ꞏ
VN 50mV
+
=
(EQ. 2)
VN V

VN Default

ꞏ
VN 50mV
–
=
(EQ. 3)
VBST V

5.15V 10 50mV
+
5.65V
==
VP V

5V 10 50mV
+
5.5V
==
VN V

-5V 10 50mV
–
-5.5V
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com