Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F526TACDFM Datasheet(PDF) 123 Page - Renesas Technology Corp

Part # R5F526TACDFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TACDFM Datasheet(HTML) 123 Page - Renesas Technology Corp

Back Button R5F526TACDFM Datasheet HTML 119Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 120Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 121Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 122Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 123Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 124Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 125Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 126Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 123 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
2.6
Programmable Gain Amplifier Characteristics
n = 0 and 1
Table 2.47
Programmable Gain Amplifier Characteristics
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V, Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Input offset voltage
VIO
—3
8
mV
Single-ended input voltage range
VISR
VOR (min)/G
—
VOR (max)/G
V
Output voltage range
VOR
0.10 × AVCCn
—
0.90 × AVCCn
G = 2.000 to 3.636
0.15 × AVCCn
—
0.85 × AVCCn
G = 4.000 to 6.667
0.20 × AVCCn
—
0.80 × AVCCn
G = 8.000 to 20.000
Gain
G
2.000
—
20.000
Linear
gain
Gain error
EG
—
±0.5
±1.5
%
G = 2.000
—
±0.5
±1.5
G = 2.500
—
±0.5
±1.5
G = 3.077
—
±0.5
±1.5
G = 3.636
—
±0.6
±1.5
G = 4.000
—
±0.6
±1.5
G = 4.444
—
±0.7
±1.5
G = 5.000
—
±0.7
±1.5
G = 6.667
—
±0.7
±1.5
G = 8.000
—
±0.7
±2.5
G = 10.000
—
±1.1
±2.5
G = 13.333
—
±1.3
±4.0
G = 20.000
Slew rate
SR
10
—
—
V/µs
Operation stabilization time
tstart
——
5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com