Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F526TACDFM Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # R5F526TACDFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TACDFM Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button R5F526TACDFM Datasheet HTML 120Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 121Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 122Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 123Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 124Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 125Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 126Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 127Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 124 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
2.7
Comparator Characteristics
Figure 2.78
Comparator Response Time
Table 2.48
Comparator Characteristics
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V, Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Input offset voltage
VIO
—8
15
mV
Reference input voltage range
Vref
0
—
AVCC1
V
CMPSEL1.CVRS[3:0] =
0100b, 1000b
0
—
AVCC2
CMPSEL1.CVRS[3:0] =
0001b, 0010b
Response time
ttot(r)
—
—
200
ns
VOD = 100 mV
CMPCTL.CDFS = 0
ttot(f)
—
—
200
Waiting time for stabilization following
switching of the input
tcwait
300
—
—
Operation stabilization time
tcmp
——
1
µs
Reference input
voltage
CMPCn0 to CMPCn3
(analog input voltage)
COMPn
(output for monitoring the
results of comparison)
100 mV
100 mV
ttot(r)
ttot(f)
(n = 0 to 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com