Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3008 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # H8/3008
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  686 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3008 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button H8/3008 Datasheet HTML 97Page - Renesas Technology Corp H8/3008 Datasheet HTML 98Page - Renesas Technology Corp H8/3008 Datasheet HTML 99Page - Renesas Technology Corp H8/3008 Datasheet HTML 100Page - Renesas Technology Corp H8/3008 Datasheet HTML 101Page - Renesas Technology Corp H8/3008 Datasheet HTML 102Page - Renesas Technology Corp H8/3008 Datasheet HTML 103Page - Renesas Technology Corp H8/3008 Datasheet HTML 104Page - Renesas Technology Corp H8/3008 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 686 page
background image
3. MCU Operating Modes
Rev.4.00 Aug. 20, 2007 Page 57 of 638
REJ09B0395-0400
MDS0 are read-only bits. The mode pin (MD
2 to MD0) levels are latched into these bits when
MDCR is read.
3.3
System Control Register (SYSCR)
SYSCR is an 8-bit register that controls the operation of the H8/3008.
Bit
Initial value
Read/Write
7
SSBY
0
R/W
6
STS2
0
R/W
5
STS1
0
R/W
4
STS0
0
R/W
3
UE
1
R/W
0
RAME
1
R/W
2
NMIEG
0
R/W
1
SSOE
0
R/W
Software standby
Enables transition to software standby mode
User bit enable
Selects whether to use the UI bit in CCR
as a user bit or an interrupt mask bit
NMI edge select
Selects the valid edge
of the NMI input
RAM enable
Enables or
disables
on-chip RAM
Standby timer select 2 to 0
These bits select the waiting time at
recovery from software standby mode
Selects the output state
of the address bus and
bus control signals in
software standby mode
Software standby
output port enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com