Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3008 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # H8/3008
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  686 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3008 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button H8/3008 Datasheet HTML 98Page - Renesas Technology Corp H8/3008 Datasheet HTML 99Page - Renesas Technology Corp H8/3008 Datasheet HTML 100Page - Renesas Technology Corp H8/3008 Datasheet HTML 101Page - Renesas Technology Corp H8/3008 Datasheet HTML 102Page - Renesas Technology Corp H8/3008 Datasheet HTML 103Page - Renesas Technology Corp H8/3008 Datasheet HTML 104Page - Renesas Technology Corp H8/3008 Datasheet HTML 105Page - Renesas Technology Corp H8/3008 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 686 page
background image
3. MCU Operating Modes
Rev.4.00 Aug. 20, 2007 Page 58 of 638
REJ09B0395-0400
Bit 7—Software Standby (SSBY): Enables transition to software standby mode. (For further
information about software standby mode see section 18, Power-Down State.)
When software standby mode is exited by an external interrupt, and a transition is made to normal
operation, this bit remains set to 1. To clear this bit, write 0.
Bit 7
SSBY
Description
0
SLEEP instruction causes transition to sleep mode
(Initial value)
1
SLEEP instruction causes transition to software standby mode
Bits 6 to 4—Standby Timer Select 2 to 0 (STS2 to STS0): These bits select the length of time
the CPU and on-chip supporting modules wait for the internal clock oscillator to settle when
software standby mode is exited by an external interrupt.
When using a crystal oscillator, set these bits so that the waiting time will be at least 7 ms at the
system clock rate.
For further information about waiting time selection, see section 18.4.3, Selection of Waiting
Time for Exit from Software Standby Mode.
Bit 6
STS2
Bit 5
STS1
Bit 4
STS0
Description
0
0
0
Waiting time = 8,192 states
(Initial value)
0
0
1
Waiting time = 16,384 states
0
1
0
Waiting time = 32,768 states
0
1
1
Waiting time = 65,536 states
1
0
0
Waiting time = 131,072 states
1
0
1
Waiting time = 262,144 states
1
1
0
Waiting time = 1,024 states
1
1
1
Illegal setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com