Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 108Page - Renesas Technology Corp H8/3024F Datasheet HTML 109Page - Renesas Technology Corp H8/3024F Datasheet HTML 110Page - Renesas Technology Corp H8/3024F Datasheet HTML 111Page - Renesas Technology Corp H8/3024F Datasheet HTML 112Page - Renesas Technology Corp H8/3024F Datasheet HTML 113Page - Renesas Technology Corp H8/3024F Datasheet HTML 114Page - Renesas Technology Corp H8/3024F Datasheet HTML 115Page - Renesas Technology Corp H8/3024F Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 841 page
background image
Section 4 Exception Handling
Rev. 2.00 Sep 20, 2005 page 74 of 800
REJ09B0260-0200
4.2
Reset
4.2.1
Overview
A reset is the highest-priority exception. When the
RES pin goes low, all processing halts and the
chip enters the reset state. A reset initializes the internal state of the CPU and the registers of the
on-chip supporting modules. Reset exception handling begins when the
RES pin changes from
low to high.
The chip can also be reset by overflow of the watchdog timer. For details see section 11,
Watchdog Timer.
4.2.2
Reset Sequence
The chip enters the reset state when the
RES pin goes low.
To ensure that the chip is reset, hold the
RES pin low for at least 20 ms at power-up. To reset the
chip during operation, hold the
RES pin low for at least 10 system clock (ø) cycles. In the versions
with on-chip flash memory, the
RES pin must be held low for at least 20 system clock cycles. See
appendix D.2, Pin States at Reset, for the states of the pins in the reset state.
When the
RES pin goes high after being held low for the necessary time, the chip starts reset
exception handling as follows.
• The internal state of the CPU and the registers of the on-chip supporting modules are
initialized, and the I bit is set to 1 in CCR.
• The contents of the reset vector address (H'0000 to H'0003 in advanced mode, H'0000 to
H'0001 in normal mode) are read, and program execution starts from the address indicated in
the vector address.
Figure 4.2 shows the reset sequence in modes 1 and 3. Figure 4.3 shows the reset sequence in
modes 2 and 4. Figure 4.4 shows the reset sequence in mode 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com